| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 317 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 317 Page - Renesas Technology Corp |
|
317 / 501 page ![]() R8C/20 Group, R8C/21 Group 16. Clock Synchronous Serial Interface Rev.2.00 Aug 27, 2008 Page 301 of 458 REJ09B0250-0200 Figure 16.16 Sample Flowchart of Data Reception (MSS = 1) (Clock Synchronous Communication Mode) Start Initialization Dummy read on SSRDR register Read receive data in SSRDR register Read ORER bit in SSSR register Last data received? Read RDRF bit in SSSR register RDRF = 1 ? No Yes Yes No No Yes (1) (2) (3) (1) After setting each register in the clock synchronous serial I/O with chip select register, dummy read on the SSRDR register is performed and receive operation is started. (2) Determine whether the last 1-byte data is received. When the last 1-byte data is received, set to stop after the data is received. (3) When a receive error occurs, perform an error (6) process after reading the ORER bit. Then set the ORER bit to 0. Transmit/receive can not be restarted while the ORER bit is set to 1. (4) Confirm that the RDRF bit is set to 1. If the RDRF bit is set to 1, read the receive data in the SSRDR register. If the SSRDR register is read, the RDRF bit is automatically set to 0. ORER = 1 ? End Read receive data in SSRDR register Read ORER bit in SSSR register Read RDRF in SSSR register RDRF = 1 ? No Yes ORER = 1 ? SSER register RE bit ← 0 SSCRH register RSSTP bit ← 0 SSCRH register RSSTP bit ← 1 Overrun error process No Yes (4) (5) (6) (7) (7) Confirm that the RDRF bit is set to 1. When the receive operation is completed, set the RSSTP bit to 0 and the RE bit to 0 before reading the last 1-byte data. If the SSRDR register is read before setting the RE bit to 0, the receive operation is restarted again. (5)Before the last 1-byte data is received, set the RSSTP bit to 1 and stop after the data is received. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |