Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 317Page - Renesas Technology Corp R8C/20 Datasheet HTML 318Page - Renesas Technology Corp R8C/20 Datasheet HTML 319Page - Renesas Technology Corp R8C/20 Datasheet HTML 320Page - Renesas Technology Corp R8C/20 Datasheet HTML 321Page - Renesas Technology Corp R8C/20 Datasheet HTML 322Page - Renesas Technology Corp R8C/20 Datasheet HTML 323Page - Renesas Technology Corp R8C/20 Datasheet HTML 324Page - Renesas Technology Corp R8C/20 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 305 of 458
REJ09B0250-0200
Figure 16.18
Initialization in 4-Wire Bus Communication Mode
Start
SSMR2 register
SSUMS bit
← 1
SSSR register
ORER bit
← 0(1)
SSER register
RE bit
← 1 (receive)
TE bit
← 1 (transmit)
Set bits RIE, TEIE, and TIE
End
SSER register
RE bit
← 0
TE bit
← 0
(2) Set the BIDE bit to 1 in bidirectional mode and
set the I/O of the SCS pin by bits CSS0 and
CSS1.
(1)
(1) The MLS bit is set to 0 for MSB-first transfer.
The clock polarity and phase are set by bits
CPHS and CPOS.
(2)
NOTE:
1. Write 0 after reading 1 to set the ORER bit to 0.
SSMR2 register
SCKS bit
← 1
Set bits SOOS, CSS0 to
CSS1, and BIDE
SSCRH register
Set MSS bit
SSMR register
Set bits CPHS and CPOS
MLS bits
← 0
SSCRH register
Set bits CKS0 to CKS2
Set RSSTP bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com