Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 321Page - Renesas Technology Corp R8C/20 Datasheet HTML 322Page - Renesas Technology Corp R8C/20 Datasheet HTML 323Page - Renesas Technology Corp R8C/20 Datasheet HTML 324Page - Renesas Technology Corp R8C/20 Datasheet HTML 325Page - Renesas Technology Corp R8C/20 Datasheet HTML 326Page - Renesas Technology Corp R8C/20 Datasheet HTML 327Page - Renesas Technology Corp R8C/20 Datasheet HTML 328Page - Renesas Technology Corp R8C/20 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 309 of 458
REJ09B0250-0200
Figure 16.20
Example of Clock Synchronous Serial I/O with Chip Select Operation during Data
Reception (4-Wire Bus Communication Mode)
SSCK
b0
SSI
• When CPHS bit = 0 (data download at even edges) and CPOS bit = 0 (“H” when clock stops)
b7
SCS
(Output)
SSCK
• When CPHS bit = 1 (data download at odd edges) and CPOS bit = 0 (“H” when clock stops)
CPHS and CPOS: Bit in SSMR register
1 frame
RDRF bit in
SSSR register
0
1
RSSTP bit in
SSCRH register
0
1
Dummy read in
SSRDR register
Process by
program
1 frame
High-impedance
b0
b7
High-impedance
SCS
(Output)
b7
b0
Data read in SSRDR
register
RXI interrupt request
is generated
RXI interrupt request
is generated
Data read in SSRDR
register
RXI interrupt request
is generated
b0
b7
b0
b7
b7
b0
SSI
1 frame
RDRF bit in
SSSR register
0
1
RSSTP bit in
SSCRH register
0
1
Dummy read in
SSRDR register
Process by
program
1 frame
Data read in SSRDR
register
RXI interrupt request
is generated
RXI interrupt request
is generated
RXI interrupt request
is generated
Set RSSTP
bit to 1
Data read in SSRDR
register
Set RSSTP
bit to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com