Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 324Page - Renesas Technology Corp R8C/20 Datasheet HTML 325Page - Renesas Technology Corp R8C/20 Datasheet HTML 326Page - Renesas Technology Corp R8C/20 Datasheet HTML 327Page - Renesas Technology Corp R8C/20 Datasheet HTML 328Page - Renesas Technology Corp R8C/20 Datasheet HTML 329Page - Renesas Technology Corp R8C/20 Datasheet HTML 330Page - Renesas Technology Corp R8C/20 Datasheet HTML 331Page - Renesas Technology Corp R8C/20 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 312 of 458
REJ09B0250-0200
16.3
I2C Bus Interface
The I2C bus interface is the circuit which is used for a serial communication based on the data transfer format of the
Philips I2C bus.
Table 16.5 lists a I2C bus Interface Specifications, Figure 16.22 shows a Block Diagram of I2C bus Interface and
Figure 16.23 shows the External Circuit Connection Example of Pins SCL and SDA. Figures 16.24 to 16.31 show
the registers associated with the I2C bus interface.
* I2C bus is a trademark of Koninklijke Philips Electronics N. V.
NOTE:
1. The interrupt sources can use the only I2C bus interface interrupt vector table.
Table 16.5
I2C Bus Interface Specifications
Item
Specification
Communication
Formats
•I2C bus format
- Selectable for master / slave device
- Continuous transmit / receive (since the shift register, transmit data register
and receive data register are independent)
- Start / stop conditions are automatically generated in master mode
- Automatic loading of acknowledge bit when transmit
- Bit synchronization / wait function (in master mode, the state of the SCL
signal is monitored per bit and the timing is synchronized automatically. If
the transfer is not possible yet, stand by to set the SCL signal to “L”.
- Direct drive of the SCL and SDA pins (N-channel open drain output) is
enabled
• Clock synchronous serial format
- Continuous transmit / receive (since the shift register, transmit data register
and receive data register are independent)
I/O Pins
SCL (I/O): Serial clock I/O pin
SDA (I/O): Serial data I/O pin
Transfer Clocks
• When the MST bit in the ICCR1 register is set to 0
The external clock (input from the SCL pin)
• When the MST bit in the ICCR1 register is set to 1
The internal clock selected by the CKS0 to CKS3 bits in the ICCR1 register
(output from the SCL pin)
Receive Error Detection • Detects overrun error (clock synchronous serial format)
An overrun error occurs during receive. When the last bit of the following data
is received while the RDRF bit in the ICSR register is set to 1 (data in the
ICDRR register), the AL bit is set to 1.
Interrupt Sources
•I2C bus format .................................. 6 types(1)
Transmit data empty (including when slave address matches), transmit ends,
receive data full (including when slave address matches), arbitration lost,
NACK detection and stop condition detection.
• Clock synchronous serial format ...... 4 types(1)
Transmit data empty, transmit ends, receive data full and overrun error
Select Functions
•I2C bus format
- Selectable for the output level of the acknowledge signal when receive
• Clock synchronous serial format
- Selectable for the MSB-first or LSB-first to the data transfer direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com