Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 327Page - Renesas Technology Corp R8C/20 Datasheet HTML 328Page - Renesas Technology Corp R8C/20 Datasheet HTML 329Page - Renesas Technology Corp R8C/20 Datasheet HTML 330Page - Renesas Technology Corp R8C/20 Datasheet HTML 331Page - Renesas Technology Corp R8C/20 Datasheet HTML 332Page - Renesas Technology Corp R8C/20 Datasheet HTML 333Page - Renesas Technology Corp R8C/20 Datasheet HTML 334Page - Renesas Technology Corp R8C/20 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 315 of 458
REJ09B0250-0200
Figure 16.24
ICCR1 Register
IIC Bus Control Register 1
Symbol
Address
After Reset
ICCR1
00B8h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
Master / slave select bit(5,6)
In master mode w ith the I2C bus format, w hen arbitration is lost, the MST and TRS bits are set to 0 and the IIC enters
slave receive mode.
When an overrun error occurs in master receive mode of the clock synchronous serial format, the MST bit is set to 0
and the IIC enters slave receive mode.
b0
Rew rite the TRS bit betw een the transfer frame.
RCVD
Receive disable bit
After reading the ICDRR register w hile the TRS bit
is set to 0
0 : Maintains the follow ing receive operation
1 : Disables the follow ing receive operation
RW
b3 b2
RW
RW
b1
b7 b6 b5 b4
CKS2
CKS3
CKS0
CKS1
RW
TRS
Transmit clock select bit 3 to
0(1)
b3 b2 b1 b0
0 0 0 0 : f1/28
0 0 0 1 : f1/40
0 0 1 0 : f1/48
0 0 1 1 : f1/64
0 1 0 0 : f1/80
0 1 0 1 : f1/100
0 1 1 0 : f1/112
0 1 1 1 : f1/128
1 0 0 0 : f1/56
1 0 0 1 : f1/80
1 0 1 0 : f1/96
1 0 1 1 : f1/128
1 1 0 0 : f1/160
1 1 0 1 : f1/200
1 1 1 0 : f1/224
1 1 1 1 : f1/256
b5 b4
0 0 : Slave receive mode(4)
0 1 : Slave transmit mode
1 0 : Master receive mode
1 1 : Master transmit mode
RW
MST
RW
RW
Transfer / receive select
bit(2,3,6)
In multimaster operation use the MOV instruction to set bits TRS and MST.
When the first 7 bits, after the start condition in slave receive mode, match w ith the slave address set in the SAR
register and the 8th bit is set to 1, the TRS bit is set to 1.
RW
ICE
I2C bus interface enable bit
0 : This module is halted
(SCL and SDA pins are set to port function)
1 : This module is enabled for transfer
operations
(SCL and SDA pins are bus drive state)
Set according to the necessary transfer rate in master mode. Refer to Table 16.6 Transfer Rate Exam ples for the
transfer rate. This bit is used for maintaining of the setup time in transmit mode. The time is 10Tcyc w hen the CKS3
bit is set to 0 and 20Tcyc w hen the CKS3 bit is set to 1. (1Tcyc = 1/f1(s))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com