Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 331Page - Renesas Technology Corp R8C/20 Datasheet HTML 332Page - Renesas Technology Corp R8C/20 Datasheet HTML 333Page - Renesas Technology Corp R8C/20 Datasheet HTML 334Page - Renesas Technology Corp R8C/20 Datasheet HTML 335Page - Renesas Technology Corp R8C/20 Datasheet HTML 336Page - Renesas Technology Corp R8C/20 Datasheet HTML 337Page - Renesas Technology Corp R8C/20 Datasheet HTML 338Page - Renesas Technology Corp R8C/20 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 319 of 458
REJ09B0250-0200
Figure 16.28
ICSR Register
IIC Bus Status Register
(7)
Symbol
Address
After Reset
ICSR
00BCh
0000X000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
STOP
Stop condition detection
flag(1)
When the stop condition is detected after the frame
is transferred, this flag is set to 1
RW
The RDRF bit is set to 0 when reading data f rom the ICDRR register.
The TEND and TDRE bits are set to 0 when writing data to the ICDRT register.
When two or more master dev ices attempt to occupy the bus at nearly the same time, if the I2C bus Interf ace monitors the SDA pin
and the data which the IIC transmits is dif f erent, the AL f lag is set to 1 and the bus is occupied by the other masters.
RW
RDRF
Receive data register full(1,5)
When the 9th clock of the SCL signal w ith the I2C
bus format w hile the TDRE bit is set to 1, this flag is
set to 1
This flag is set to 1 w hen the final bit of the
transmit frame is transmitted w ith the clock
synchronous format
No acknow ledge detection
flag(1,4)
This f lag is enabled in slav e receiv e mode of the I2C bus f ormat.
Each bit is set to 0 when reading 1 bef ore writing 0.
NACKF
When no acknow ledge is detected from receive
device w hen transmit, this flag is set to 1
RW
RW
When receive data is transferred from ICDRS to
ICDRR registers, this flag is set to 1
TEND
Transmit end(1,6)
RW
RW
General call address
recognition flag(1,2)
When detecting the general call address, this flag
is set to 1.
Arbitration lost flag /
overrun error flag(1)
When the I2C bus format is used, this flag indicates
that arbitration is lost in master mode. In the
follow ing case, this flag is set to 1.(3)
• When the internal SDA signal and SDA pin
level do not match at the rise of the SCL signal
in master transmit mode
• When the start condition is detected and the
SDA pin is held “H” in master transmit /
receive mode
This flag indicates that an overrun error occurs
w hen the clock synchronous format is used
In the follow ing case, this flag is set to 1.
• When the last bit of the follow ing data is
received w hile the RDRF bit is set to 1
Slave address recognition
flag(1)
This flag is set to 1 w hen the first frame follow ing
start condition matches the SVA0 to SVA6 bits in
the SAR register in slave receive mode. (Detect the
slave address and generate call address)
RW
AAS
AL
ADZ
b2 b1
b7 b6 b5 b4
When accessing the ICSR register continuously , insert one or more NOP instructions between the instructions to access it.
b0
The NACKF bit is enabled when the ACKE bit in the ICIER register is set to 1 (when the receiv e acknowledge bit is set to 1, transf er is
halted)
TDRE
Transmit data empty(1,6)
In the follow ing cases, this flag is set to 1
• Data is transferred from ICDRT to ICDRS
registers and ICDRT register is empty
• When setting the TRS bit in the ICCR1
register to 1 (transmit mode)
• When generating the start condition
(including retransmit)
• When changing from slave receive mode to
slave transmit mode
RW
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com