Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 335Page - Renesas Technology Corp R8C/20 Datasheet HTML 336Page - Renesas Technology Corp R8C/20 Datasheet HTML 337Page - Renesas Technology Corp R8C/20 Datasheet HTML 338Page - Renesas Technology Corp R8C/20 Datasheet HTML 339Page - Renesas Technology Corp R8C/20 Datasheet HTML 340Page - Renesas Technology Corp R8C/20 Datasheet HTML 341Page - Renesas Technology Corp R8C/20 Datasheet HTML 342Page - Renesas Technology Corp R8C/20 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 323 of 458
REJ09B0250-0200
16.3.2
Interrupt Requests
The interrupt request of the I2C bus interface contains 6 types when the I2C bus format is used and 4 types when
the clock synchronous serial format is used.
Table 16.7 lists the Interrupt Requests of I2C Bus Interface.
Since these interrupt requests are allocated at the I2C bus interface interrupt vector table, determining the source
by each bit is necessary.
STIE, NAKIE, RIE, TEIE, TIE: Bits in ICIER register
AL, STOP, NACKF, RDRF, TEND, TDRE: Bits in ICSR register
When the generation conditions on the Table 16.7 are met, the I2C bus interface interrupt request is generated.
Set the interrupt generation conditions to 0 by the I2C bus interface interrupt routine. However, the TDRE and
TEND bits are automatically set to 0 by writing transmit data to the ICDRT register and the RDRF bit is
automatically set to 0 by reading the ICDRR register. When writing transmit data to the ICDRT register, the
TDRE bit is set to 0. When data is transferred from the ICDRT to ICDRS registers, the TDRE bit is set to 1 and
when further setting the TDRE bit to 0, extra 1 byte may be transmitted.
Also, set the STIE bit to 1 (enable stop condition detection interrupt request) when the STOP bit is set to 0.
Table 16.7
Interrupt Requests of I2C Bus Interface
Interrupt Request
Generation Condition
Format
I2C bus
Clock
Synchronous
Serial
Transmit Data Empty
TXI
TIE = 1 and TDRE = 1
Enabled
Enabled
Transmit Ends
TEI
TEIE = 1 and TEND = 1
Enabled
Enabled
Receive Data Full
RXI
RIE = 1 and RDRF = 1
Enabled
Enabled
Stop Condition Detection
STPI
STIE = 1 and STOP = 1
Enabled
Disabled
NACK Detection
NAKI
NAKIE = 1 and AL = 1 (or
NAKIE = 1 and NACKF = 1)
Enabled
Disabled
Arbitration Lost / Overrun Error
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com