Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 336Page - Renesas Technology Corp R8C/20 Datasheet HTML 337Page - Renesas Technology Corp R8C/20 Datasheet HTML 338Page - Renesas Technology Corp R8C/20 Datasheet HTML 339Page - Renesas Technology Corp R8C/20 Datasheet HTML 340Page - Renesas Technology Corp R8C/20 Datasheet HTML 341Page - Renesas Technology Corp R8C/20 Datasheet HTML 342Page - Renesas Technology Corp R8C/20 Datasheet HTML 343Page - Renesas Technology Corp R8C/20 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 324 of 458
REJ09B0250-0200
16.3.3
I2C Bus Interface Mode
16.3.3.1
I2C Bus Format
Setting the FS bit in the SAR register to 0 communicates in I2C bus format.
Figure 16.32 shows the I2C Bus Format and Bus Timing. The 1st frame following start condition consists of 8
bits.
Figure 16.32
I2C Bus Format and Bus Timing
SDA
SCL
S
SLA
R/W
A
DATA
A
DATA
A
P
1 to 7
8
9
1 to 7
8
9
1 to 7
8
9
(2) I2C bus timing
Explanation of symbols
S
: Start condition
The master device changes the SDA signal from “H” to “L” while the SCL signal is held “H”.
SLA
: Slave address
R/W
: Indicates the direction of data transmit/receive
Data is transmitted from the slave device to the master device when R/W value is 1 and from the master device to the slave device when
R/W value is 0.
A
: Acknowledge
The receive device sets the SDA signal to “L”.
DATA : Transmit / receive data
P
: Stop condition
The master device changes the SDA signal from “L” to “H” while the SCL signal is held “H”.
S
R/W
A
DATA
A
A/A
P
1
7
1
1
n
1
1
1
1
m
(a) I2C bus format (FS = 0)
Transfer bit numbers (n = 1 to 8)
Transfer frame numbers (m = from 1)
S
R/W
A
DATA
A/A
P
1
7
1
1
n1
1
1
1
m1
(b) I2C bus format (when start condition is retransmitted, FS = 0)
Upper: Transfer bit numbers (n1, n2 = 1 to 8)
Lower: Transfer frame numbers (m1, m2 = from 1 )
SLA
SLA
A/A
1
S
1
R/W
A
DATA
7
1
1
n2
SLA
1
m2
(1) I2C bus Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com