Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 333Page - Renesas Technology Corp R8C/20 Datasheet HTML 334Page - Renesas Technology Corp R8C/20 Datasheet HTML 335Page - Renesas Technology Corp R8C/20 Datasheet HTML 336Page - Renesas Technology Corp R8C/20 Datasheet HTML 337Page - Renesas Technology Corp R8C/20 Datasheet HTML 338Page - Renesas Technology Corp R8C/20 Datasheet HTML 339Page - Renesas Technology Corp R8C/20 Datasheet HTML 340Page - Renesas Technology Corp R8C/20 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 321 of 458
REJ09B0250-0200
Figure 16.30
Registers ICDRR and ICDRS
Figure 16.31
PMR Register
IIC Bus Receive Data Register
Symbol
Address
After Reset
ICDRR
00BFh
FFh
RW
b7
b0
Store receive data
When the ICDRS register receives 1-byte data, the receive data is transferred to the ICDRR
register and the next receive is enabled.
RO
Function
IIC Bus Shift Register
Symbol
ICDRS
RW
b7
b0
This register is a register that is used to transmit and receive data.
The transmit data is transferred from the ICDRT to ICDRS registers and data is transmitted
from the SDA pin w hen transmitting.
When 1-byte data is received, data is transferred from the ICDRS to ICDRR registers w hen
receiving.
—
Function
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
IICSEL
RW
0 : SSU function selects
1 : I2C bus function selects
Set to 0
0 : I/O port P6_6, P6_7
1 : TXD1, RXD1
Set to 0
—
Reserved bits
SSU/I2C bus sw itch bit
RW
b0
0
—
Reserved bits
U1PINSEL
Port TXD1/RXD1 sw itch bit
—
(b3-b0)
—
(b6-b5)
b3 b2
0
b1
0
0
b7 b6 b5 b4
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com