| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 333 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 333 Page - Renesas Technology Corp |
|
333 / 501 page ![]() R8C/20 Group, R8C/21 Group 16. Clock Synchronous Serial Interface Rev.2.00 Aug 27, 2008 Page 317 of 458 REJ09B0250-0200 Figure 16.26 ICMR Register IIC Bus Mode Register Symbol Address After Reset ICMR 00BAh 00011000b Bit Symbol Bit Name Function RW MSB-first / LSB-first select NOTES: 1. 2. 3. 4. 5. 6. Set to 0 w hen the I2C bus format is used. When w rite to the BC0 to BC2 bits, w rite 0 to the BCWP bit using the MOV instruction. — (b4) Nothing is assigned. If necessary, set to 0. When read, the content is 1. — Rew rite betw een transfer frames. When w rite values other than 000b, w rite w hen the SCL signal is “L”. After data including the acknow ledge bit is transferred, bits b2 to b0 are automatically set to 000b. When the start condition is detected, these bits are automatically set to 000b. Do not rew rite w hen the clock synchronous serial format is used. Reserved bit When rew rite to the BC0 to BC2 bits, w rite 0 simultaneously.(2,4) When read, its content is 1. RW The setting value is enabled in master mode of the I2C bus format. It is disabled in slave mode of the I2C bus format or w hen the clock synchronous serial format is used. 0 : No w ait (Transfer data and acknow ledge bit consecutively) 1 : Wait (After the falling of the clock for the final data bit, “L” period is extended for tw o transfer clocks) Set to 0 RW RW 0 : Data transfer by MSB-first(6) 1 : Data transfer by LSB-first — (b5) WAIT b3 b2 b1 b0 b7 b6 b5 b4 Wait insertion bit(5) BCWP BC w rite protect bit RW 0 MLS RW RW BC1 BC2 Bit counter 2 to 0 I2C bus format (remaining transfer bit numbers w hen read out and data bit numbers of transfer to the next w hen w rite)(1,2) b2 b1 b0 0 0 0 : 9 bits(3) 0 0 1 : 2 bits 0 1 0 : 3 bits 0 1 1 : 4 bits 1 0 0 : 5 bits 1 0 1 : 6 bits 1 1 0 : 7 bits 1 1 1 : 8 bits Clock synchronous serial format (w hen read, read the remaining transfer bit numbers and w hen w rite, w rite 000b.) b2 b1 b0 0 0 0 : 8 bits 0 0 1 : 1 bit 0 1 0 : 2 bits 0 1 1 : 3 bits 1 0 0 : 4 bits 1 0 1 : 5 bits 1 1 0 : 6 bits 1 1 1 : 7 bits BC0 RW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |