| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 332 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 332 Page - Renesas Technology Corp |
|
332 / 501 page ![]() R8C/20 Group, R8C/21 Group 16. Clock Synchronous Serial Interface Rev.2.00 Aug 27, 2008 Page 316 of 458 REJ09B0250-0200 Figure 16.25 ICCR2 Register IIC Bus Control Register 2 Symbol Address After Reset ICCR2 00B9h 01111101b Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. 4. — (b0) Nothing is assigned. If necessary, set to 0. When read, the content is 1. — IICRST RW RO RW — IIC control part reset bit b0 b3 b2 b1 b7 b6 b5 b4 When hang-up occurs due to communication failure during I2C bus interface operation and w rite 1, reset control part of I2C bus interface w ithout setting port and initializing register. — (b2) Nothing is assigned. If necessary, set to 0. When read, the content is 1. SCLO SCL monitor flag 0 : SCL pin is set to “L” 1 : SCL pin is set to “H” Do not w rite during transfer operation. SDAOP SDAO RW When read 0 : SDA pin output is held “L” 1 : SDA pin output is held “H” When w rite(1,2) 0 : SDA pin output is changed to “L” 1 : SDA pin output is changed to high-impedance (“H” output is external pull-up resistor) SDA output value control bit SDAO w rite protect bit When rew rite to SDAO bit, w rite 0 simultaneously.(1) When read, its content is 1. BBSY Bus busy bit(4) SCP Start / stop condition generation disable bit When w rite to BBSY bit, w rite 0 simultaneously.(3) When read, its content is 1. Writing 1 is disabled. RW When read 0 : Bus is in released state (SDA signal changes from “L” to “H” w hile SCL signal is in “H” state) 1 : Bus is in occupied state (SDA signal changes from “H” to “L” w hile SCL signal is in “H” state) When w rite(3) 0 : Generates stop condition 1 : Generates start condition RW This bit is disabled w hen the clock synchronous serial format is used. This bit is enabled in master mode. When w rite to the BBSY bit, w rite 0 to the SCP bit using the MOV instruction simultaneously. Execute the same w ay w hen the start condition is regenerating. When w riting to the SDAO bit, w rite 0 to the SDAOP bit using the MOV instruction simultaneously. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |