Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 332Page - Renesas Technology Corp R8C/20 Datasheet HTML 333Page - Renesas Technology Corp R8C/20 Datasheet HTML 334Page - Renesas Technology Corp R8C/20 Datasheet HTML 335Page - Renesas Technology Corp R8C/20 Datasheet HTML 336Page - Renesas Technology Corp R8C/20 Datasheet HTML 337Page - Renesas Technology Corp R8C/20 Datasheet HTML 338Page - Renesas Technology Corp R8C/20 Datasheet HTML 339Page - Renesas Technology Corp R8C/20 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 320 of 458
REJ09B0250-0200
Figure 16.29
Registers SAR and ICDRT
Slave Address Register
Symbol
Address
After Reset
SAR
00BDh
00h
Bit Symbol
Bit Name
Function
RW
RW
Slave address 6 to 0
Set the different address from the other slave
devices w hich are connected to the I2C bus.
When the 7 high-order bits of the first frame
transmitted after the starting condition match
the SVA0 to SVA6 bits in slave mode of the I2C
bus format, the MCU operates as a slave
device.
RW
RW
RW
RW
SVA3
SVA6
SVA5
SVA4
RW
RW
FS
Format select bit
0 : I2C bus format
1 : Clock synchronous serial format
RW
SVA2
SVA0
SVA1
b7 b6
b0
b1
b5
b3 b2
b4
IIC Bus Transmit Data Register
Symbol
Address
After Reset
ICDRT
00BEh
FFh
RW
RW
Function
Store transmit data
When detecting that the ICDRS register is empty, the stored transmit data is transferred to the
ICDRS register and the starts transmit data.
When the next transmit data is w ritten to the ICDRT register during transmitting the data of the
ICDRS register, continuous transmit is enabled. When the MLS bit in the ICMR register is set to
1 (data transferred by LSB-first) and after the data is w ritten to the ICDRT register, the MSB
and LSB inverted data is read.
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com