Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 319Page - Renesas Technology Corp R8C/20 Datasheet HTML 320Page - Renesas Technology Corp R8C/20 Datasheet HTML 321Page - Renesas Technology Corp R8C/20 Datasheet HTML 322Page - Renesas Technology Corp R8C/20 Datasheet HTML 323Page - Renesas Technology Corp R8C/20 Datasheet HTML 324Page - Renesas Technology Corp R8C/20 Datasheet HTML 325Page - Renesas Technology Corp R8C/20 Datasheet HTML 326Page - Renesas Technology Corp R8C/20 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 307 of 458
REJ09B0250-0200
Figure 16.19
Example of Clock Synchronous Serial I/O with Chip Select Operation during Data
Transmission (4-Wire Bus Communication Mode)
TDRE bit in
SSSR register
0
1
TEND bit in
SSSR register
0
1
Data write to SSTDR register
Process by
program
SSCK
b0
SSO
• When CPHS bit = 0 (data change at even edges), CPOS bit = 0 (“H” when clock stops)
b7
SCS
(Output)
SSCK
• When CPHS bit = 1 (data change at even edges), CPOS bit = 0 (“H” when clock stops)
CPHS, CPOS: Bits in SSMR register
1 frame
TDRE bit in
SSSR register
0
1
TEND bit in
SSSR register
0
1
Data write to SSTDR register
Process by
program
1 frame
High-impedance
b0
b7
High-impedance
SCS
(output)
TXI interrupt request is
generated
b7
b0
SSO
1 frame
1 frame
b6
b6
TXI interrupt request is
generated
TEI interrupt request is
generated
b6
b7
b0
b6
TEI interrupt request is
generated
TXI interrupt request is
generated
TXI interrupt request is
generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com