Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 316Page - Renesas Technology Corp R8C/20 Datasheet HTML 317Page - Renesas Technology Corp R8C/20 Datasheet HTML 318Page - Renesas Technology Corp R8C/20 Datasheet HTML 319Page - Renesas Technology Corp R8C/20 Datasheet HTML 320Page - Renesas Technology Corp R8C/20 Datasheet HTML 321Page - Renesas Technology Corp R8C/20 Datasheet HTML 322Page - Renesas Technology Corp R8C/20 Datasheet HTML 323Page - Renesas Technology Corp R8C/20 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 304 of 458
REJ09B0250-0200
16.2.6
Operation in 4-Wire Bus Communication Mode
4-wire bus communication mode is a mode which communicates with the 4-wire bus; a clock line, data input
line, data output line and chip select line. This mode includes bidirectional mode in which the data input line
and data output line function as a single pin.
The data input line and output line are changed according to the setting of the MSS bit in the SSCRH register
and the BIDE bit in the SSMR2 register. For details, refer to 16.2.2.1 Association between Data I/O Pins and
SS Shift Register. In this mode, association between the clock polarity, phase and data can be set by the CPOS
and CPHS bits in the SSMR register. For details, refer to 16.2.1.1 Association between Transfer Clock
Polarity, Phase, and Data.
When the clock synchronous serial I/O with chip select is set as a master device, the chip select line controls
output. When the clock synchronous serial I/O with chip select is set as a slave device, the chip select line
controls input. When the clock synchronous serial I/O with chip select is set as master device, the chip select
line controls output of the SCS pin or controls output of a general port by setting the CSS1 bit in the SSMR2
register. When the clock synchronous serial I/O with chip select is set as a slave device, the chip select line set
the SCS pin as an input pin by setting the CSS1 and CSS0 bits in the SSMR2 register to 01b.
In 4-wire bus communication mode, the MLS bit in the SSMR register is set to 0 and communication is
performed using the MSB-first.
16.2.6.1
Initialization in 4-Wire Bus Communication Mode
Figure 16.18 shows an Initialization in 4-Wire Bus Communication Mode. Before the data transit/receive, set
the TE bit in the SSER register to 0 (disables transmit) and the RE bit in the SSER register to 0 (disables
receive) and initialize the clock synchronous serial I/O with chip select.
When communication mode and format are changed, set the TE bit to 0 and the RE bit to 0 before changing.
Setting the RE bit to 0 does not change the contents of the RDRF and ORER flags, and the contents of the
SSRDR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com