Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 302Page - Renesas Technology Corp R8C/20 Datasheet HTML 303Page - Renesas Technology Corp R8C/20 Datasheet HTML 304Page - Renesas Technology Corp R8C/20 Datasheet HTML 305Page - Renesas Technology Corp R8C/20 Datasheet HTML 306Page - Renesas Technology Corp R8C/20 Datasheet HTML 307Page - Renesas Technology Corp R8C/20 Datasheet HTML 308Page - Renesas Technology Corp R8C/20 Datasheet HTML 309Page - Renesas Technology Corp R8C/20 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 290 of 458
REJ09B0250-0200
Figure 16.7
SSMR2 Register
SS Mode Register 2
Symbol
Address
After Reset
SSMR2
00BDh
00h
Bit Symbol
Bit Name
Function
RW
SCS
_____
pin open drain output select 0 : CMOS output
1 : N-channel open drain output
SCS
_____
pin select bit(2)
b5 b4
0 0 : Functions as port
0 1 : Function as SCS
_____
input pin
1 0 : Function as SCS
_____
output pin(3)
1 1 : Functions as SCS
_____
output pin(3)
NOTES:
1.
2.
3.
4.
5.
The BIDE bit is disabled w hen the SSUMS bit is set to 0 (clock synchronous communication mode).
RW
BIDE
Bidirectional mode enable bit(1,4)
0 : Standard mode (communicates using 2
pins of data input and data output)
1 : Bidirectional mode (communicates using
1 pin of data input and data output)
This bit functions as the SCS
_____
input pin before starting transfer.
set to 0 (clock synchronous communication mode).
The SSI pin and SSO pin corresponding port direction bits are set to 0 (input mode) w hen the SOOS bit is set to 0
(CMOS output).
RW
RW
RW
RW
RW
RW
0 : Clock synchronous communication mode
1 : Four-w ire bus communication mode
SSCK pin open drain output
select bit
0 : CMOS output
1 : N-channel open drain output
CSS1
Clock synchronous serial I/O w ith
chip select mode select bit(1)
SSO pin open drain output select
bit(1)
0 : CMOS output(5)
1 : N-channel open drain output
CSS0
SOOS
SCKOS
SSUMS
CSOS
b2 b1
b7 b6 b5 b4
b0
Refer to 16.2.2.1 Association betw een Data I/O Pins and SS Shift Register for the combination of the data I/O
pin.
The SCS
______
pin functions as a port, regardless of the contents of the CSS0 and CSS1 bits w hen the SSUMS bit is
SCKS
SSCK pin select bit
0 : Functions as port
1 : Functions as serial clock pin
RW
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com