Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 299Page - Renesas Technology Corp R8C/20 Datasheet HTML 300Page - Renesas Technology Corp R8C/20 Datasheet HTML 301Page - Renesas Technology Corp R8C/20 Datasheet HTML 302Page - Renesas Technology Corp R8C/20 Datasheet HTML 303Page - Renesas Technology Corp R8C/20 Datasheet HTML 304Page - Renesas Technology Corp R8C/20 Datasheet HTML 305Page - Renesas Technology Corp R8C/20 Datasheet HTML 306Page - Renesas Technology Corp R8C/20 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 287 of 458
REJ09B0250-0200
Figure 16.4
SSMR Register
SS Mode Register
Symbol
Address
After Reset
SSMR
00BAh
00011000b
Bit Symbol
Bit Name
Function
RW
Reserved bit
NOTE:
1.
b3 b2 b1 b0
1
MSB first/LSB first select bit
b7 b6 b5 b4
0 : Change data at odd edge
(dow nloads data at even edge)
1 : Change data at even edge
(dow nloads data at odd edge)
CPOS
SSCK clock polarity select bit(1)
0 : “H” w hen clock stops
1 : “L” w hen clock stops
—
(b3)
—
(b4)
CPHS
SSCK clock phase select bit(1)
RO
BC1
BC2
Bit counter 2 to 0
b2 b1 b0
0 0 0 : 8-bit left
0 0 1 : 1-bit left
0 1 0 : 2-bit left
0 1 1 : 3-bit left
1 0 0 : 4-bit left
1 0 1 : 5-bit left
1 1 0 : 6-bit left
1 1 1 : 7-bit left
BC0
RO
RO
Refer to 16.2.1.1 Association betw een Transfer Clock Polarity, Phase, and Data for the setting of the CPHS
and CPOS bits.
Set to 1.
When read, its content is 1.
RW
RW
RW
—
RW
0 : Transfers data at MSB first
1 : Transfers data at LSB first
MLS
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com