Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 295Page - Renesas Technology Corp R8C/20 Datasheet HTML 296Page - Renesas Technology Corp R8C/20 Datasheet HTML 297Page - Renesas Technology Corp R8C/20 Datasheet HTML 298Page - Renesas Technology Corp R8C/20 Datasheet HTML 299Page - Renesas Technology Corp R8C/20 Datasheet HTML 300Page - Renesas Technology Corp R8C/20 Datasheet HTML 301Page - Renesas Technology Corp R8C/20 Datasheet HTML 302Page - Renesas Technology Corp R8C/20 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 283 of 458
REJ09B0250-0200
16.2
Clock Synchronous Serial I/O with Chip Select (SSU)
The serial data of the clock synchronous can communicate for the clock synchronous serial I/O with chip select.
Table 16.2 lists the Clock Synchronous Serial I/O with Chip Select Specifications and Figure 16.1 shows a Block
Diagram of Clock Synchronous Serial I/O with Chip Select.
Figures 16.2 to 16.9 show Clock Synchronous Serial I/O with Chip Select Associated Registers.
NOTE:
1. The interrupt vector table is one of the clock synchronous serial I/O with chip select specification.
Table 16.2
Clock Synchronous Serial I/O with Chip Select Specifications
Item
Specification
Transfer Data Format
• Transfer-data length 8 bits
Continuous transmit and receive of serial data are enabled since both
transmitter and receiver have buffer structure.
Operating Mode
• Clock synchronous communication mode
• 4-wire bus communication mode (including bidirectional communication)
Master / Slave Device
Selectable
I/O Pin
SSCK (I/O): Clock I/O pin
SSI (I/O): Data I/O pin
SSO (I/O): Data I/O pin
SCS (I/O): Chip-select I/O pin
Transfer Clock
• When the MSS bit in the SSCRH register is set to 0 (operates as slave
device), external clock can be selected.
• When the MSS bit in the SSCRH register is set to 1 (operates as master
device), internal clock (selects from f1/256, f1/128, f1/64, f1/32, f1/16, f1/8 and
f1/4 and outputs from SSCK pin) can be selected.
• Clock polarity and phase of SSCK can be selected.
Receive Error Detection • Overrun error
Overrun error occurs during receive and completes by error. While the RDRF
bit in the SSSR register is set to 1 (data in the SSRDR register) and
completing the next serial data receive, the ORER bit is set to 1.
Multimaster Error
Detection
• Conflict error
While the SSUMS bit in the SSMR2 register is set to 1 (4-wire bus
communication mode) and the MSS bit in the SSCRH register is set to 1
(operates as master device) and when starting a serial communication, the
CE bit in the SSSR register is set to 1 if “L” applies to the SCS pin input.
When the SSUMS bit in the SSMR2 register is set to 1 (4-wire bus
communication mode), the MSS bit in the SSCRH register is set to 0
(operates as slave device) and the SCS pin input changes state from “L” to
“H”, the CE bit in the SSSR register is set to 1.
Interrupt Request
5 interrupt requests (transmit-end, transmit-data-empty, receive-data-full,
overrun error and conflict error).(1)
Select Function
• Data transfer direction
Selects MSB-first or LSB-first
• SSCK clock polarity
Selects “L” or “H” level when clock stops
• SSCK clock phase
Selects edge of data change and data download



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com