Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 294Page - Renesas Technology Corp R8C/20 Datasheet HTML 295Page - Renesas Technology Corp R8C/20 Datasheet HTML 296Page - Renesas Technology Corp R8C/20 Datasheet HTML 297Page - Renesas Technology Corp R8C/20 Datasheet HTML 298Page - Renesas Technology Corp R8C/20 Datasheet HTML 299Page - Renesas Technology Corp R8C/20 Datasheet HTML 300Page - Renesas Technology Corp R8C/20 Datasheet HTML 301Page - Renesas Technology Corp R8C/20 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 282 of 458
REJ09B0250-0200
16. Clock Synchronous Serial Interface
The clock synchronous serial interface is configured as follows.
Clock Synchronous Serial Interface
The clock synchronous serial interface uses the registers of addresses 00B8h to 00BFh. Registers, bits, symbols and
functions vary even in the same addresses depending on the modes. Refer to registers of each function for details.
Also, the differences between clock synchronous communication mode and clock synchronous serial mode are the
options of the transfer clock, clock output format and data output format.
16.1
Mode Selection
The clock synchronous serial interface contains 4 modes.
Table 16.1 lists the Mode Selections. Refer to 16.2 Clock Synchronous Serial I/O with Chip Select (SSU) or after
for details of each mode.
Clock synchronous serial I/O with chip select (SSU)
Clock synchronous communication mode
4-wire bus communication mode
I2C bus interface
I2C bus interface mode
Clock synchronous serial mode
Table 16.1
Mode Selections
IICSEL Bit
in PMR
Register
Bit 7 in 00B8h
(ICE Bit in ICCR1
Register)
Bit 0 in 00BDh
(SSUMS Bit in SSMR2
Register, FS Bit in SAR
Register)
Function
Mode
0
0
0
Clock synchronous
serial I/O with chip
select
Clock synchronous
communication mode
0
0
1
4-wire bus communication
mode
11
0
I2C bus interface
I2C bus interface mode
1
1
1
Clock synchronous serial
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com