Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 292Page - Renesas Technology Corp R8C/20 Datasheet HTML 293Page - Renesas Technology Corp R8C/20 Datasheet HTML 294Page - Renesas Technology Corp R8C/20 Datasheet HTML 295Page - Renesas Technology Corp R8C/20 Datasheet HTML 296Page - Renesas Technology Corp R8C/20 Datasheet HTML 297Page - Renesas Technology Corp R8C/20 Datasheet HTML 298Page - Renesas Technology Corp R8C/20 Datasheet HTML 299Page - Renesas Technology Corp R8C/20 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 501 page
background image
R8C/20 Group, R8C/21 Group
15. Serial Interface
Rev.2.00 Aug 27, 2008
Page 280 of 458
REJ09B0250-0200
15.2.1
Bit Rate
Divided-by-16 of frequency by the UiBRG (i = 0 or 1) register in UART mode is a bit rate.
Figure 15.12
Calculation Formula of UiBRG (i = 0 or 1) Register Setting Value
i = 0 or 1
Table 15.7
Bit Rate Setting Example in UART Mode (Internal Clock Selected)
Bit Rate
(bps)
UiBRG
Count
Source
System Clock = 20 MHz
System Clock = 8 MHz
UiBRG
Setting Value
Actual Time
(bps)
Setting
Error(%)
UiBRG
Setting Value
Actual Time
(bps)
Setting
Error(%)
1200
f8
129 (81h)
1201.92
0.16
51 (33h)
1201.92
0.16
2400
f8
64 (40h)
2403.85
0.16
25 (19h)
2403.85
0.16
4800
f8
32 (20h)
4734.85
-1.36
12 (0Ch)
4807.69
0.16
9600
f1
129 (81h)
9615.38
0.16
51 (33h)
9615.38
0.16
14400
f1
86 (56h)
14367.82
-0.22
34 (22h)
14285.71
-0.79
19200
f1
64 (40h)
19230.77
0.16
25 (19h)
19230.77
0.16
28800
f1
42 (2Ah)
29069.77
0.94
16 (10h)
29411.76
2.12
31250
f1
39 (27h)
31250.00
0.00
15 (0Fh)
31250.00
0.00
38400
f1
32 (20h)
37878.79
-1.36
12 (0Ch)
38461.54
0.16
51200
f1
23 (17h)
52083.33
1.73
9 (09h)
50000.00
-2.34
<UART Mode>
• When selecting internal clock
Setting value to the UiBRG register =
fj
Bit Rate
× 16
- 1
fj: Count source frequency of the UiBRG register (f1, f8 and f32)
• When selecting external clock
fEXT
Bit Rate
× 16
- 1
fEXT: Count source frequency of the UiBRG register (external clock)
i = 0 or 1
Setting value to the UiBRG register =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com