Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 288Page - Renesas Technology Corp R8C/20 Datasheet HTML 289Page - Renesas Technology Corp R8C/20 Datasheet HTML 290Page - Renesas Technology Corp R8C/20 Datasheet HTML 291Page - Renesas Technology Corp R8C/20 Datasheet HTML 292Page - Renesas Technology Corp R8C/20 Datasheet HTML 293Page - Renesas Technology Corp R8C/20 Datasheet HTML 294Page - Renesas Technology Corp R8C/20 Datasheet HTML 295Page - Renesas Technology Corp R8C/20 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 501 page
background image
R8C/20 Group, R8C/21 Group
15. Serial Interface
Rev.2.00 Aug 27, 2008
Page 276 of 458
REJ09B0250-0200
15.2
Clock Asynchronous Serial I/O (UART) Mode
The UART mode allows transmit and receive data after setting the desired bit rate and transfer data format.
Table 15.4 lists the UART Mode Specifications. Table 15.5 lists the Registers Used and Settings for UART Mode.
i = 0 or 1
NOTE:
1. If an overrun error occurs, the receive data (b0 to b8) of the U0RB register will be undefined. The IR
bit in the S0RIC register remains unchanged.
Table 15.4
UART Mode Specifications
Item
Specification
Transfer Data Formats
• Character bit (transfer data): selectable from 7, 8 or 9 bits
• Start bit: 1 bit
• Parity bit: selectable from odd, even, or none
• Stop bit: selectable from 1 or 2 bits
Transfer Clocks
• CKDIR bit in UiMR register is set to 0 (internal clock): fj/(16(n + 1))
fj = f1, f8, f32 n = setting value in U0BRG register: 00h to FFh
• CKDIR bit is set to 1 (external clock): fEXT/(16(n + 1))
fEXT: Input from CLK0 pin n = setting value in UiBRG register: 00h to FFh
Transmit Start Conditions
• Before transmit starts, the following are required
- TE bit in UiC1 register is set to 1 (transmit enabled)
- TI bit in UiC1 register is set to 0 (data in UiTB register)
Receive Start Conditions
• Before receive starts, the following are required
- RE bit in UiC1 register is set to 1 (receive enabled)
- Detects start bit
Interrupt Request
Generation Timing
• When transmitting, one of the following conditions can be selected
- UiIRS bit is set to 0 (transmit buffer empty):
when transferring data from the UiTB register to UARTi transmit register
(when transmit starts)
- UiIRS bit is set to 1 (transfer ends):
when serial interface completes transmitting data from the UARTi
transmit register
• When receiving
When transferring data from the UARTi receive register to UiRB register
(when receive ends)
Error Detection
•Overrun error(1)
This error occurs if serial interface starts receiving the following data
before reading the UiRB register and receiving the bit one before the last
stop bit of the following data
• Framing error
This error occurs when the number of stop bits set are not detected
• Parity error
This error occurs when parity is enabled, the number of 1’s in parity and
character bits do not match the number of 1’s set
• Error sum flag
This flag is set is set to 1 when any of the overrun, framing, and parity
errors is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com