| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 288 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 288 Page - Renesas Technology Corp |
|
288 / 501 page ![]() R8C/20 Group, R8C/21 Group 15. Serial Interface Rev.2.00 Aug 27, 2008 Page 272 of 458 REJ09B0250-0200 NOTE: 1. Set bits which are not in this table to 0 when writing to the registers in clock synchronous serial I/O mode. Table 15.3 lists the I/O Pin Functions in Clock Synchronous Serial I/O Mode. The TXD0 pin outputs “H” level between the operating mode selection of UART0 and transfer start, an “H” (If the NCH bit is set to 1 (the N- channel open-drain output), this pin is in a high-impedance state.) Table 15.2 Registers Used and Settings in Clock Synchronous Serial I/O Mode(1) Register Bit Function U0TB 0 to 7 Set transmit data U0RB 0 to 7 Receive data can be read OER Overrun error flag U0BRG 0 to 7 Set bit rate U0MR SMD2 to SMD0 Set to 001b CKDIR Select the internal clock or external clock U0C0 CLK1 to CLK0 Select the count source in the U0BRG register TXEPT Transmit register empty flag NCH Select TXD0 pin output mode CKPOL Select the transfer clock polarity UFORM Select the LSB first or MSB first U0C1 TE Set this bit to 1 to enable transmit/receive TI Transmit buffer empty flag RE Set this bit to 1 to enable reception RI Reception complete flag U0IRS Select the UART0 transmit interrupt source U0RRM Set this bit to 1 to use continuous receive mode Table 15.3 I/O Pin Functions in Clock Synchronous Serial I/O Mode Pin Name Function Selection Method TXD0(P1_4) Output serial data (Outputs dummy data when performing receive only) RXD0(P1_5) Input serial data The PD1_5 bit in the PD1 register = 0 (P1_5 can be used as an input port when performing transmit only) CLK0(P1_6) Output transfer clock The CKDIR bit in the U0MR register = 0 Input transfer clock The CKDIR bit in the U0MR register = 1 PD1_6 bit in PD1 register = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |