Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 280Page - Renesas Technology Corp R8C/20 Datasheet HTML 281Page - Renesas Technology Corp R8C/20 Datasheet HTML 282Page - Renesas Technology Corp R8C/20 Datasheet HTML 283Page - Renesas Technology Corp R8C/20 Datasheet HTML 284Page - Renesas Technology Corp R8C/20 Datasheet HTML 285Page - Renesas Technology Corp R8C/20 Datasheet HTML 286Page - Renesas Technology Corp R8C/20 Datasheet HTML 287Page - Renesas Technology Corp R8C/20 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 501 page
background image
R8C/20 Group, R8C/21 Group
15. Serial Interface
Rev.2.00 Aug 27, 2008
Page 268 of 458
REJ09B0250-0200
Figure 15.4
UiMR Register (i = 0 or 1)
UARTi Transmit/Receive Mode Register (i = 0 or 1)
Symbol
Address
After Reset
U0MR
00A0h
00h
U1MR
00A8h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
Do not set bits SMD2 to SMD0 in the U1MR register to any values other than 000b, 100b, 101b and 110b.
Set the CKDIR bit to 0 (internal clock) in UART1.
The SMD2 to SMD1 bits can not select clock synchronous serial I/O mode in UART1.
Internal/external clock select
bit(3)
0 : Internal clock
1 : External clock(1)
Stop bit length select bit
—
(b7)
Reserved bit
RW
Odd/even parity select bit
PRYE
Parity enable bit
0 : Parity disabled
1 : Parity enabled
PRY
RW
Set to 0
Set the PD1_6 bit in the PD1 register to 0 (input).
SMD2
RW
RW
STPS
RW
0 : 1 stop bit
1 : 2 stop bits
CKDIR
RW
RW
Serial I/O mode select bit(2,4)
b2 b1 b0
0 0 0 : Serial interface disabled
0 0 1 : Clock synchronous serial I/O mode
1 0 0 : UART mode transfer data 7 bits long
1 0 1 : UART mode transfer data 8 bits long
1 1 0 : UART mode transfer data 9 bits long
Other than above : Do not set
SMD1
Enables w hen PRYE = 1
0 : Odd parity
1 : Even parity
b7 b6 b5 b4
0
b3 b2 b1 b0
SMD0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com