| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 285 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 285 Page - Renesas Technology Corp |
|
285 / 501 page ![]() R8C/20 Group, R8C/21 Group 15. Serial Interface Rev.2.00 Aug 27, 2008 Page 269 of 458 REJ09B0250-0200 Figure 15.5 Registers UiC0 and UiC1 (i = 0 or 1) UARTi Transmit/Receive Control Register 0 (i = 0 or 1) Symbol Address After Reset U0C0 00A4h 00001000b U1C0 00ACh 00001000b Bit Symbol Bit Name Function RW NOTE: 1. RW RW If the BRG count source is sw itched, set the UiBRG register again. RW Data output select bit 0 : TXDi pin is a pin of CMOS output 1 : TXDi pin is a pin of N-channel open drain output UFORM Transfer format select bit 0 : LSB first 1 : MSB first NCH CLK polarity select bit 0 : Transmit data is output at falling edge of transfer clock and receive data is input at rising edge 1 : Transmit data is output at rising edge of transfer clock and receive data is input at falling edge Set to 0 Transmit register empty flag 0 : Data in transmit register (during transmit) 1 : No data in transmit register (transmit completed) Nothing is assigned. If necessary, set to 0. When read, the content is 0. — (b2) CKPOL CLK1 RW BRG count source select bit(1) b1 b0 0 0 : Selects f1 0 1 : Selects f8 1 0 : Selects f32 1 1 : Do not set RW RW RO — (b4) — Reserved bit b7 b6 b5 b4 b3 b2 TXEPT b1 b0 0 CLK0 UARTi Transmit/Receive Control Register 1 (i = 0 or 1) Symbol Address After Reset U0C1 00A5h 00000010b U1C1 00ADh 00000010b Bit Symbol Bit Name Function RW NOTES: 1. 2. Set the UiRRM bit to 0 (disables continuous receive mode) in UART mode. RW RW UiRRM UARTi continuous receive mode enable bit(2) RI Receive complete flag(1) 0 : No data in UiRB register 1 : Data in UiRB register RO UiIRS The RI bit is set to 0 w hen the higher byte of the UiRB register is read out. RW TI RO 0 : Data in UiTB register 1 : No data in UiTB register TE RE — (b7-b6) — b7 b6 b5 b4 Nothing is assigned. If necessary, set to 0. When read, the content is 0. Transmit enable bit 0 : Disables transmit 1 : Enables transmit Transmit buffer empty flag 0 : Disables receive 1 : Enables receive 0 : Disables continuous receive mode 1 : Enables continuous receive mode 0 : Transmit buffer empty (TI = 1) 1 : Transmit completed (TXEPT = 1) Receive enable bit RW b3 b2 b1 b0 UARTi transmit interrupt cause select bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |