| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 281 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 281 Page - Renesas Technology Corp |
|
281 / 501 page ![]() R8C/20 Group, R8C/21 Group 15. Serial Interface Rev.2.00 Aug 27, 2008 Page 265 of 458 REJ09B0250-0200 15. Serial Interface Serial Interface is configured with two channels: UART0 and UART1. Each UART0 and Uart1 has an exclusive timer to generate a transfer clock and they operate independently. Figure 15.1 shows the UARTi (i = 0 or 1) Block Diagram. Figure 15.2 shows the UARTi (i = 0 or 1) Transmit/Receive Unit. UART0 has two modes: clock synchronous serial I/O mode, and clock asynchronous serial I/O mode (UART mode). UART1 has only one mode: clock asynchronous serial interface mode (UART mode). Figures 15.3 to 15.6 show the Registers Associated with UARTi. Figure 15.1 UARTi (i = 0 or 1) Block Diagram = 01b f8 f1 = 10b CLK1 to CLK0 RXD0 f32 1/16 1/16 1/2 1/(n0 + 1) UART reception UART transmission Clock synchronous type (when internal clock is selected) Clock synchronous type Reception control circuit Transmission control circuit CKDIR = 0 CKDIR = 1 Receive clock Transmit clock Transmit/ receive unit U0BRG register CKDIR = 0 Internal External CKDIR = 1 (UART0) TXD0 CLK polarity reversing circuit CLK0 Clock synchronous type Clock synchronous type (when external clock is selected) Clock synchronous type (when internal clock is selected) = 00b = 01b f8 f1 = 10b CLK1 to CLK0 RXD1 f32 1/16 1/16 1/(n1 + 1) Transmit/ receive unit U1BRG register Internal (UART1) TXD1 U1PINSEL Reception control circuit Transmission control circuit UART reception UART transmission Receive clock Transmit clock = 00b |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |