| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 280 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 280 Page - Renesas Technology Corp |
|
280 / 501 page ![]() R8C/20 Group, R8C/21 Group 14. Timers Rev.2.00 Aug 27, 2008 Page 264 of 458 REJ09B0250-0200 14.4.2 Notes on Timer RE 14.4.2.1 Starting and Stopping Count Timer RE has the TSTART bit for instructing count start or stop, and the TCSTF bit which indicates count start or stop. The TSTART and TCSTF bits are in the TRECR1 register. Timer RE starts counting when setting the TSTART bit to 1 (count starts) and the TCSTF bit is set to 1 (count starts). It takes the time for up to 2 cycles of the count source until the TCSTF bit is set to 1 after setting the TSTART bit to 1. During this time, do not access registers associated with Timer RE(1) other than the TCSTF bit. Also, timer RE stops counting when setting the TSTART bit to 0 (count stops) and the TCSTF bit is set to 0 (count stops). It takes the time for up to 2 cycles of the count source until the TCSTF bit is set to 0 after setting the TSTART bit to 0. During this time, do not access registers associated with timer RE other than the TCSTF bit. NOTE: 1. Registers associated with Timer RE:TRESEC, TREMIN, TRECR1, TRECR2, TRECSR 14.4.2.2 Register Setting Write to the following registers or bits while timer RE stops. • TRESEC and TRECR2 registers • The INT bit in TRECR1 register • RCS0 to RCS2 bits in TRECSR register The state while Timer RE stops is indicated as the state where the TSTART and TCSTF bits in the TRECR1 register are set to 0 (timer RE stops). Also, set all above-mentioned registers and bits (immediately before timer RE count starts) before setting the TRECR2 register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |