Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 272Page - Renesas Technology Corp R8C/20 Datasheet HTML 273Page - Renesas Technology Corp R8C/20 Datasheet HTML 274Page - Renesas Technology Corp R8C/20 Datasheet HTML 275Page - Renesas Technology Corp R8C/20 Datasheet HTML 276Page - Renesas Technology Corp R8C/20 Datasheet HTML 277Page - Renesas Technology Corp R8C/20 Datasheet HTML 278Page - Renesas Technology Corp R8C/20 Datasheet HTML 279Page - Renesas Technology Corp R8C/20 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 260 of 458
REJ09B0250-0200
Figure 14.115 TRESEC Register in Output Compare Mode
Figure 14.116 TREMIN Register in Output Compare Mode
Timer RE Counter Data Register
Symbol
Address
After Reset
TRESEC
0118h
00h
RW
Function
8-bit counter data can be read.
Although Timer RE stops counting, the count value is held.
The TRESEC register is set to 00h w ith the compare match.
b7
b0
RO
Timer RE Compare Data Register
Symbol
Address
After Reset
TREMIN
0119h
00h
RW
Function
8-bit compare data is stored.
b7
b0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com