Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 270Page - Renesas Technology Corp R8C/20 Datasheet HTML 271Page - Renesas Technology Corp R8C/20 Datasheet HTML 272Page - Renesas Technology Corp R8C/20 Datasheet HTML 273Page - Renesas Technology Corp R8C/20 Datasheet HTML 274Page - Renesas Technology Corp R8C/20 Datasheet HTML 275Page - Renesas Technology Corp R8C/20 Datasheet HTML 276Page - Renesas Technology Corp R8C/20 Datasheet HTML 277Page - Renesas Technology Corp R8C/20 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 258 of 458
REJ09B0250-0200
14.4.1
Output Compare Mode
The output compare mode is to count the internal count source divided-by-2 using the 4-bit or 8-bit counter and
detect the compare value match with the 8-bit counter.
Figure 14.114 shows the Block Diagram of Output Compare Mode and Table 14.37 lists the Output Compare
Mode Specifications. Figures 14.115 to 14.119 show the Registers Associated with Output Compare Mode and
Figure 14.120 shows the Operation in Output Compare Mode.
Figure 14.114 Block Diagram of Output Compare Mode
TOENA
TREO pin
f32
f4
f8
4-bit
counter
8-bit
counter
TRESEC
Comparison
circuit
TREMIN
1/2
RCS2 = 1
RCS2 = 0
COMIE
Timer RE interrupt
f2
Match
signal
= 00b
= 01b
= 10b
RCS1 to RCS0
RCS6 to RCS5
= 00b
= 01b
= 10b
= 11b
TOENA, TRERST: Bits in TRECR1 register
COMIE: Bit in TRECR2 register
RCS0 to RCS2, RCS5 to RCS6: Bits in TRECSR register
TQ
R
Reset
TRERST bit
Data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com