Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 279Page - Renesas Technology Corp R8C/20 Datasheet HTML 280Page - Renesas Technology Corp R8C/20 Datasheet HTML 281Page - Renesas Technology Corp R8C/20 Datasheet HTML 282Page - Renesas Technology Corp R8C/20 Datasheet HTML 283Page - Renesas Technology Corp R8C/20 Datasheet HTML 284Page - Renesas Technology Corp R8C/20 Datasheet HTML 285Page - Renesas Technology Corp R8C/20 Datasheet HTML 286Page - Renesas Technology Corp R8C/20 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 501 page
background image
R8C/20 Group, R8C/21 Group
15. Serial Interface
Rev.2.00 Aug 27, 2008
Page 267 of 458
REJ09B0250-0200
Figure 15.3
Registers UiTB, UiRB, and UiBRG (i = 0 or 1)
UARTi Transmit Buffer Register (i = 0 or 1)
(1,2)
Symbol
Address
After Reset
U0TB
00A3h-00A2h
Indeterminate
U1TB
00ABh-00AAh
Indeterminate
RW
NOTES:
1.
2.
(b15)
b7
(b8)
b0
b0
b7
Use the MOV instruction to w rite to this register.
WO
—
Nothing is assigned. If necessary, set to 0.
When read, the content is indeterminate.
—
(b15-b9)
When the transfer data length is 9-bit long, w rite to high-byte data first then low -byte data.
Function
Bit Symbol
—
(b8-b0)
Transmit data
UARTi Receive Buffer Register (i = 0 or 1)
(1)
Symbol
After Reset
U0RB
Indeterminate
U1RB
Indeterminate
RW
NOTES:
1.
2.
—
—
(b7-b0)
—
Function
Receive data (D7 to D0)
RO
Receive data (D8)
RO
—
(b8)
—
b0
b7
(b15)
b7
(b8)
b0
Bit Symbol
Bit Name
Address
00A7h-00A6h
00AFh-00AEh
OER
Overrun error flag(2)
0 : No overrun error
1 : Overrun error
RO
0 : No parity error
1 : Parity error
RO
FER
Framing error flag(2)
0 : No framing error
1 : Framing error
RO
Nothing is assigned. If necessary, set to 0.
When read, the content is indeterminate.
—
(b11-b9)
Read out the UiRB register in 16-bit unit.
The SUM, PER, FER and OER bits are set to 0 (no error) w hen the SMD2 to SMD0 bits in the UiMR register are set to
000b (serial interface disabled) or the RE bit in the U0C1 register is set to 0 (receive disable). The SUM bit is set to 0
(no error) w hen the PER, FER and OER bits are set to 0 (no error). Also, the PER and FER bits are set to 0 w hen the
higher byte of the UiRB register is read out.
RO
SUM
Error sum flag(2)
0 : No error
1 : Error
PER
Parity error flag(2)
UARTi Bit Rate Register (i = 0 or 1)
(1,2,3)
Symbol
Address
After Reset
U0BRG
00A1h
Indeterminate
U1BRG
00A9h
Indeterminate
Setting Range
RW
NOTES:
1.
2.
3.
b7
Assuming that set value is n, UiBRG divides the count source by
n+1
b0
After setting the CLK0 to CLK1 bits in the UiC0 register, w rite to the UiBRG register.
Use the MOV instruction to w rite to this register.
WO
Write to this register w hile the serial interface is neither transmitting nor receiving.
00h to FFh
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com