| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 302 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 302 Page - Renesas Technology Corp |
|
302 / 501 page ![]() R8C/20 Group, R8C/21 Group 16. Clock Synchronous Serial Interface Rev.2.00 Aug 27, 2008 Page 286 of 458 REJ09B0250-0200 Figure 16.3 SSCRL Register SS Control Register L Symbol Address After Reset SSCRL 00B9h 01111101b Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. Do not w rite to the SOL bit during the data transfer. The data output after the serial data is output can be changed w hen w riting to the SOL bit before or after transfer. When w riting to the SOL bit, set the SOLP bit to 0 and then w rite to bits SOLP and SOL by the MOV instruction. SSCRH, SSCRL, SSMR, SSER, SSSR, SSMR2, SSTDR and SSRDR registers. SOL Serial data output value setting bit When read, 0 : The last bit of the serial data output is set to “L” 1 : The last bit of the serial data output is set to “H” When w rite,(2,3) 0 : The data outputs “L” after the serial data output 1 : The data outputs “H” after the serial data output RW — (b6) Nothing is assigned. If necessary, set to 0. When read, the content is 1. — — (b7) Nothing is assigned. If necessary, set to 0. When read, the content is 0. — — (b3-b2) Nothing is assigned. If necessary, set to 0. When read, the content is 1. — SOLP SOL w rite protect bit(2) The output level can be changed by the SOL bit w hen this bit is set to 0. The SOLP bit remains unchanged even if 1 is w ritten to it. When read, its content is 1. RW b7 b6 b5 b4 b3 b2 b1 b0 — (b0) — Nothing is assigned. If necessary, set to 0. When read, the content is 1. SRES Clock synchronous serial I/O w ith chip select control part reset bit When this bit is set to 1, the clock synchronous serial I/O w ith chip select control part and SSTRSR register are reset. The values of the registers(1) in the clock synchronous serial I/O w ith chip select register are maintained. RW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |