Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 300Page - Renesas Technology Corp R8C/20 Datasheet HTML 301Page - Renesas Technology Corp R8C/20 Datasheet HTML 302Page - Renesas Technology Corp R8C/20 Datasheet HTML 303Page - Renesas Technology Corp R8C/20 Datasheet HTML 304Page - Renesas Technology Corp R8C/20 Datasheet HTML 305Page - Renesas Technology Corp R8C/20 Datasheet HTML 306Page - Renesas Technology Corp R8C/20 Datasheet HTML 307Page - Renesas Technology Corp R8C/20 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 288 of 458
REJ09B0250-0200
Figure 16.5
SSER Register
SS Enable Register
Symbol
Address
After Reset
SSER
00BBh
00h
Bit Symbol
Bit Name
Function
RW
b0
b3 b2 b1
b7 b6 b5 b4
RW
RW
RW
—
Conflict error interrupt enable bit 0 : Disables conflict error interrupt request
1 : Enables conflict error interrupt request
—
(b2-b1)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
CEIE
0 : Disables transmit data empty interrupt
request
1 : Enables transmit data empty interrupt
request
0 : Disables transmit end interrupt request
1 : Enables transmit end interrupt request
RW
RE
TE
TEIE
Transmit end interrupt enable bit
RW
RIE
RW
Receive enable bit
0 : Disables receive
1 : Enables receive
Transmit enable bit
0 : Disables transmit
1 : Enables transmit
0 : Disables receive data full and overrun
error interrupt request
1 : Enables receive data full and overrun
error interrupt request
Receive interrupt enable bit
TIE
Transmit interrupt enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com