Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 301Page - Renesas Technology Corp R8C/20 Datasheet HTML 302Page - Renesas Technology Corp R8C/20 Datasheet HTML 303Page - Renesas Technology Corp R8C/20 Datasheet HTML 304Page - Renesas Technology Corp R8C/20 Datasheet HTML 305Page - Renesas Technology Corp R8C/20 Datasheet HTML 306Page - Renesas Technology Corp R8C/20 Datasheet HTML 307Page - Renesas Technology Corp R8C/20 Datasheet HTML 308Page - Renesas Technology Corp R8C/20 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 289 of 458
REJ09B0250-0200
Figure 16.6
SSSR Register
SS Status Register
(7)
Symbol
Address
After Reset
SSSR
00BCh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
b0
When reading 1 and w riting 0, the CE, ORER, RDRF, TEND and TDRE bits are set to 0.
Indicates overrun error occurs and receive completes by error w hen receive. When the next serial data receive is
completed w hile the RDRF bit is set to 1 (data in the SSRDR register), the ORER bit is set to 1. After the ORER bit is
set to 1 (overrun error occurs), do not transmit or receive w hile the ORER bit is set to 1.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
TDRE
Transmit data empty(1,5,6)
0 : Data is not transferred from the SSTDR to
SSTRSR registers
1 : Data is transferred from the SSTDR to SSTRSR
registers
RW
b3 b2 b1
b7 b6 b5 b4
RDRF
Receive data register full
(1,4)
—
(b1)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
0 : No data in SSRDR register
1 : Data in SSRDR register
RW
ORER
—
(b4-b3)
CE
RW
RW
—
Conflict error flag(1)
0 : No conflict error occurs
1 : Conflict error occurs(2)
—
The TDRE bit is set to 1 w hen setting the TE bit in the SSER register to 0 (disables transmit).
The RDRF bit is set to 0 w hen reading out the data from the SSRDR register.
Overrun error flag(1)
0 : No overrun error occurs
1 : Overrun error occurs(3)
The TEND and TDRE bits are set to “0” w hen w riting the data to the SSTDR register.
TEND
Transmit end(1,5)
0 : The TDRE bit is set to 0 w hen transmitting
the end of the bit in transmit data
1 : The TDRE bit is set to 1 w hen transmitting
the end of the bit in transmit data
RW
When accessing the SSSR register continuously, insert one or more NOP instructions betw een the instructions to
access it.
changes the level from “L” to “H” during transfer, the CE bit is set to 1.
When the serial communication is started w hile the SSUMS bit in the SSMR2 register is set to 1 (four-w ire bus
communication mode) and the MSS bit in the SSCRH register is set to 1 (operates as master device), the CE bit is
set to 1 if “L” is applied to the SCS
_____
pin input. Refer to 16.2.7 SCS
_____
Pin Control and Arbitration for more information.
SSCRH register is set to 0 (operates as slave device) is set to 0 (operates as slave device) and the SCS
_____
pin input
When the SSUMS bit in the SSMR2 register is set to 1 (four-w ire bus communication mode), the MSS bit in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com