Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 255Page - Renesas Technology Corp R8C/20 Datasheet HTML 256Page - Renesas Technology Corp R8C/20 Datasheet HTML 257Page - Renesas Technology Corp R8C/20 Datasheet HTML 258Page - Renesas Technology Corp R8C/20 Datasheet HTML 259Page - Renesas Technology Corp R8C/20 Datasheet HTML 260Page - Renesas Technology Corp R8C/20 Datasheet HTML 261Page - Renesas Technology Corp R8C/20 Datasheet HTML 262Page - Renesas Technology Corp R8C/20 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 243 of 458
REJ09B0250-0200
Figure 14.103 TRDCR0 Register in PWM3 Mode
Timer RD Control Register i (i = 0 or 1)
(2)
Symbol
Address
After Reset
TRDCR0
0140h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
RW
TCK1
RW
TCK0
RW
RW
RW
CCLR2
CCLR1
RW
Count source selection bit
b2 b1b0
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : Do not set
1 1 0 : fOCO40M
1 1 1 : Do not set
External clock edge selection
bit(1)
This bit is disabled in PWM3 mode.
b7 b6 b5 b4
001
b3 b2
CKEG0
b1 b0
TCK2
The TRDCR1 register is not used in PWM3 mode.
RW
CKEG1
CCLR0
RW
Set to 001b (the TRD0 register clear at the
compare match w ith TRDGRA0 register) in
PWM3 mode.
TRD0 counter clear selection bit
This bit is enabled w hen the TCK2 to TCK0 bits are set to 101b (TRDCLK input) and the STCLK bit in the TRDFCR
register is set to 1 (external clock input enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com