Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 251Page - Renesas Technology Corp R8C/20 Datasheet HTML 252Page - Renesas Technology Corp R8C/20 Datasheet HTML 253Page - Renesas Technology Corp R8C/20 Datasheet HTML 254Page - Renesas Technology Corp R8C/20 Datasheet HTML 255Page - Renesas Technology Corp R8C/20 Datasheet HTML 256Page - Renesas Technology Corp R8C/20 Datasheet HTML 257Page - Renesas Technology Corp R8C/20 Datasheet HTML 258Page - Renesas Technology Corp R8C/20 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 239 of 458
REJ09B0250-0200
Figure 14.99
TRDSTR Register in PWM3 Mode
Timer RD Start Register
(1)
Symbol
Address
After Reset
TRDSTR
0137h
11111100b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
—
(b7 - b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
Set the TRDSTR register using the MOV instruction (do not use the bit handling instruction). Refer to 14.3.12.1
TRDSTR Register of Notes on Tim er RD.
RW
TRD1 count operation select bit
0 : Count stops at the compare match
w ith the TRDGRA1 register
1 : Count continues at the compare
match w ith the TRDGRA1 register
—
TRD0 count operation select bit
0 : Count stops at the compare match
w ith the TRDGRA0 register
1 : Count continues at the compare
match w ith the TRDGRA0 register
CSEL0
RW
RW
TSTART1
RW
TRD1 count start flag(5)
Set this bit to 0 (count stops) in PWM3
mode(3)
TRD0 count start flag(4)
0 : Count stops(2)
1 : Count starts
b7 b6 b5 b4 b3 b2
CSEL1
b1 b0
0
TSTART0
When the CSEL0 bit is set to 1, w rite 0 to the TSTART0 bit.
When the CSEL1 bit is set to 1, w rite 0 to the TSTART1 bit.
When the CSEL0 bit is set to 0 and generating the compare match signal(TRDIOA0), this bit is set to 0 (count stops).
When the CSEL1 bit is set to 0 and generating the compare match signal(TRDIOA1), this bit is set to 0 (count stops).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com