Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 252Page - Renesas Technology Corp R8C/20 Datasheet HTML 253Page - Renesas Technology Corp R8C/20 Datasheet HTML 254Page - Renesas Technology Corp R8C/20 Datasheet HTML 255Page - Renesas Technology Corp R8C/20 Datasheet HTML 256Page - Renesas Technology Corp R8C/20 Datasheet HTML 257Page - Renesas Technology Corp R8C/20 Datasheet HTML 258Page - Renesas Technology Corp R8C/20 Datasheet HTML 259Page - Renesas Technology Corp R8C/20 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 240 of 458
REJ09B0250-0200
Figure 14.100 Registers TRDMR and TRDFCR in PWM3 Mode
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
b3 b2
BFD0
b1 b0
SYNC
b7 b6 b5 b4
RW
—
(b3 - b1)
—
Timer RD synchronous bit
This bit is disabled in PWM3 mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
TRDGRD0 register function
selection bit
0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function
selection bit
0 : General register
1 : Buffer register of TRDGRA1 register
RW
TRDGRC0 register function
selection bit
0 : General register
1 : Buffer register of TRDGRA0 register
BFC0
RW
RW
BFC1
BFD1
TRDGRD1 register function
selection bit
0 : General register
1 : Buffer register of TRDGRB1 register
Timer RD Function Control Register
Symbol
Address
After Reset
TRDFCR
013Ah
10000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
STCLK
External clock input selection bit
Set this bit to 0 (external clock input
disabled) in PWM3 mode.
RW
RW
PWM3
RW
ADTRG
ADEG
A/D trigger edge selection bit
(enabled in complementary PWM mode)
This bit is disabled in PWM3 mode.
RW
PWM3 mode selection bit(2)
Set this bit to 0 (PWM3 mode) in PWM3
mode.
Normal-phase output level selection bit
(enabled in reset synchronous PWM
mode or complementary PWM mode)
This bit is disabled in PWM3 mode.
Set bits CMD1 to CMD0 w hen both the TSTART0 and TSTART1 bits in the TRDSTR register are set to 0 (count stops).
OLS0
RW
RW
Counter-phase output level selection bit
(enabled in reset synchronous PWM
mode or complementary PWM mode)
This bit is disabled in PWM3 mode.
A/D trigger enable bit
(enabled in complementary PWM mode)
This bit is disabled in PWM3 mode.
RW
CMD1
RW
Combination mode selection bit(1)
Set to 00b (timer mode, PWM mode, or
PWM3 mode) in PWM3 mode.
CMD0
b7 b6 b5 b4
00
When bits CMD1 to CMD0 are set to 00b (timer mode, PWM mode, or PWM3 mode), the setting of the PWM3 bit is
enabled.
b3 b2
OLS1
b1 b0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com