Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 254Page - Renesas Technology Corp R8C/20 Datasheet HTML 255Page - Renesas Technology Corp R8C/20 Datasheet HTML 256Page - Renesas Technology Corp R8C/20 Datasheet HTML 257Page - Renesas Technology Corp R8C/20 Datasheet HTML 258Page - Renesas Technology Corp R8C/20 Datasheet HTML 259Page - Renesas Technology Corp R8C/20 Datasheet HTML 260Page - Renesas Technology Corp R8C/20 Datasheet HTML 261Page - Renesas Technology Corp R8C/20 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 242 of 458
REJ09B0250-0200
Figure 14.102 TRDOCR Register in PWM3 Mode
Timer RD Output Control Register
(1)
Symbol
Address
After Reset
TRDOCR
013Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. When the pin functions are w aveform output (refer to Table 14.12 and 14.13) and the TRDOCR register is set, the
initial output level is output.
TOA1
TOB1
RW
TRDIOD1 initial output level
selection bit
TRDIOB1 initial output level
selection bit
TOC1
TRDIOC1 initial output level
selection bit
This bit is disabled in PWM3 mode.
TRDIOC0 initial output level
selection bit
Write to the TRDOCR register w hen both the TSTART0 and TSTART1 bits in the TRDSTR register are set to 0 (count
stops).
TOC0
RW
RW
TRDIOA1 initial output level
selection bit
RW
RW
TRDIOD0 initial output level
selection bit
TOD1
RW
RW
TOB0
RW
TRDIOA0 output level
selection bit(2)
0 : Active level “H”,
initial output “L”,
output “H” by the compare match in the
TRDGRA1register,
output “L” by the compare match in the
TRDGRA0 register
1 : Active level “L”,
initial output “H”,
output “L” by the compare match in the
TRDGRA1register,
output “H” by the compare match in the
TRDGRA0 register
TRDIOB0 output level
selection bit(2)
0 : Active level “H”,
initial output “L”,
output “H” by the compare match in the
TRDGRB1register,
output “L” by the compare match in the
TRDGRB0 register
1 : Active level “L”,
initial output “H”,
output “L” by the compare match in the
TRDGRB1register,
output “H” by the compare match in the
TRDGRB0 register
b7 b6 b5 b4 b3 b2
TOD0
b1 b0
TOA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com