| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 257 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 257 Page - Renesas Technology Corp |
|
257 / 501 page ![]() R8C/20 Group, R8C/21 Group 14. Timers Rev.2.00 Aug 27, 2008 Page 241 of 458 REJ09B0250-0200 Figure 14.101 Registers TRDOER1 to TRDOER2 in PWM3 Mode Timer RD Output Master Enable Register 1 Symbol Address After Reset TRDOER1 013Bh FFh Bit Symbol Bit Name Function RW ED1 RW EA1 EB1 RW TRDIOD1 output disable bit TRDIOB1 output disable bit EC1 TRDIOC1 output disable bit TRDIOD0 output disable bit RW TRDIOA1 output disable bit RW RW Set these bits to 1 (programmable I/O port) in PWM3 mode. TRDIOC0 output disable bit EC0 RW RW EB0 RW TRDIOA0 output disable bit 0 : Enable output 1 : Disable output (The TRDIOA0 pin is used as a programmable I/O port.) TRDIOB0 output disable bit 0 : Enable output 1 : Disable output (The TRDIOB0 pin is used as a programmable I/O port.) 1111 b7 b6 b5 b4 b3 b2 ED0 b1 b0 11 EA0 Timer RD Output Master Enable Register 2 Symbol Address After Reset TRDOER2 013Ch 01111111b Bit Symbol Bit Name Function RW INT0 _____ of pulse output forced 0 : Pulse output forced cutoff input disabled 1 : Pulse output forced cutoff input enabled (All bits in the TRDOER1 register are set to 1 (disable output) w hen “L” is applied to the INT0 _____ pin) NOTE: 1. Refer to 14.3.4 Pulse Output Forced Cutoff. — — (b6 - b0) Nothing is assigned. If necessary, set to 0. When read, the content is 1. RW PTO cutoff signal input enabled bit(1) b7 b6 b5 b4 b3 b2 b1 b0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |