Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 194Page - Renesas Technology Corp R8C/20 Datasheet HTML 195Page - Renesas Technology Corp R8C/20 Datasheet HTML 196Page - Renesas Technology Corp R8C/20 Datasheet HTML 197Page - Renesas Technology Corp R8C/20 Datasheet HTML 198Page - Renesas Technology Corp R8C/20 Datasheet HTML 199Page - Renesas Technology Corp R8C/20 Datasheet HTML 200Page - Renesas Technology Corp R8C/20 Datasheet HTML 201Page - Renesas Technology Corp R8C/20 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 182 of 458
REJ09B0250-0200
Figure 14.45
Operating Example of Input Capture Function
Set to 0 by a program
Transfer
i = 0 or 1
The above applies to the following conditions:
The CCLR2 to CCLR0 bits in the TRDCRi register are set to 001b. (Set the TRDi register to 0000h by the TRDGRAi register input capture.)
The TCK2 to TCK0 bits in the TRDCRi register are set to 101b (TRDCLK input for the count source).
The CKEG1 to CKEG0 bits in the TRDCRi register are set to 01b (count at the falling edge for the count source).
The IOA2 to IOA0 bits in the TRDIORAi register are set to 101b (input capture at the falling edge of the TRDIOAi input).
The BFCi bit in the TRDMR register is set to 1. (The TRDGRCi register is used as the buffer register of the TRDGRAi register.)
Count value
in TRDi register
FFFFh
0009h
0006h
TSTARTi bit in
TRDSTR register
65536
TRDGRAi register
0000h
1
0
TRDIOAi input
TRDGRCi register
IMFA bit in
TRDSRi register
OVF bit in
TRDSRi register
0009h
0006h
0006h
1
0
1
0
TRDCLK input
count source
Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com