Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 196Page - Renesas Technology Corp R8C/20 Datasheet HTML 197Page - Renesas Technology Corp R8C/20 Datasheet HTML 198Page - Renesas Technology Corp R8C/20 Datasheet HTML 199Page - Renesas Technology Corp R8C/20 Datasheet HTML 200Page - Renesas Technology Corp R8C/20 Datasheet HTML 201Page - Renesas Technology Corp R8C/20 Datasheet HTML 202Page - Renesas Technology Corp R8C/20 Datasheet HTML 203Page - Renesas Technology Corp R8C/20 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 184 of 458
REJ09B0250-0200
14.3.6
Output Compare Function
This function is to detect the match (compare match) of the content in the TRDGRji (j = either A, B, C and D)
register with the content in the TRDi (i = 0 or 1) register. When the content matches, any level is output from
the TRDIOji pin. Since this function is enabled with a combination of the TRDIOji pin and TRDGRji register,
any of the output compare function, other modes or functions can be selected every pin.
Figure 14.47 shows the Block Diagram of Output Compare Function, Table 14.25 lists the Output Compare
Function Specifications. Figures 14.48 to 14.59 list the Registers Associated with Output Compare Function
and Figure 14.60 shows the Operating Example of Output Compare Function.
Figure 14.47
Block Diagram of Output Compare Function
TRDIOA0
Output
control
Comparator
TRDGRA0
TRD0
TRDIOC0
Output
control
Comparator
TRDGRC0
Compare match signal
TRDIOB0
Output
control
Comparator
TRDGRB0
TRDIOD0
Output
control
Comparator
TRDGRD0
Channel 0
TRDIOA1
Output
control
Comparator
TRDGRA1
TRD1
TRDIOC1
Output
control
Comparator
TRDGRC1
TRDIOB1
Output
control
Comparator
TRDGRB1
TRDIOD1
Output
control
Comparator
TRDGRD1
Channel 1
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
Compare match signal
IOC3 = 0 in
TRDIORC0 register
IOC3 = 1
IOD3 = 0 in
TRDIORD0 register
IOD3 = 1
IOC3 = 0 in
TRDIORC1 register
IOC3 = 1
IOD3 = 0 in
TRDIORD1 register
IOD3 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com