Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 197Page - Renesas Technology Corp R8C/20 Datasheet HTML 198Page - Renesas Technology Corp R8C/20 Datasheet HTML 199Page - Renesas Technology Corp R8C/20 Datasheet HTML 200Page - Renesas Technology Corp R8C/20 Datasheet HTML 201Page - Renesas Technology Corp R8C/20 Datasheet HTML 202Page - Renesas Technology Corp R8C/20 Datasheet HTML 203Page - Renesas Technology Corp R8C/20 Datasheet HTML 204Page - Renesas Technology Corp R8C/20 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 185 of 458
REJ09B0250-0200
i = 0 or 1, j = either A, B, C or D
Table 14.25
Output Compare Function Specifications
Item
Specification
Count Sources
f1, f2, f4, f8, f32, fOCO40M
External signal input to the TRDCLK pin (valid edge selected by a program)
Count Operations
Increment
Count Period
• When the CCLR2 to CCLR0 bits in the TRDCRi register are set to 000b (free-
running operation)
1/fk × 65536 fk: Frequency of count source
• The CCLR1 to CCLR0 bits in the TRDCRi register are set to 01b or 10b (set the
TRDi register to 0000h at the compare match in the TRDGRji register.)
Frequency of count source x (n + 1)
n: Setting value in the TRDGRji register
Waveform Output Timing
Compare match
Count Start Condition
Write 1 (count starts) to the TSTARTi bit in the TRDSTR register.
Count Stop Conditions
• Write 0 (count stops) to the TSTARTi bit in the TRDSTR register when the CSELi
bit in the TRDSTR register is set to 1.
The output compare output pin holds output level before the count stops.
• When the CSELi bit in the TRDSTR register is set to 0, the count stops at the
compare match in the TRDGRAi register.
The output compare output pin holds level after output change by the
compare match.
Interrupt Request Generation
Timing
• Compare match (the content in the TRDi register matches with the content in the
TRDGRji register.)
• TRDi register overflows
TRDIOA0 Pin Function
Programmable I/O port, output-compare output or TRDCLK (external clock) input
TRDIOB0, TRDIOC0, TRDIOD0,
TRDIOA1 to TRDIOD1 Pin
Functions
Programmable I/O port or output-compare output (select every pin)
INT0 Pin Function
Programmable I/O port, pulse output forced cutoff signal input or INT0 interrupt
input
Read from Timer
The count value can be read by reading the TRDi register.
Write to Timer
• When the SYNC bit in the TRDMR register is set to 0 (channels 0 and 1 operate
independently)
Data can be written to the TRDi register.
• When the SYNC bit in the TRDMR register is set to 1 (channels 0 and 1 operate
synchronously).
Data can be written to both the TRD0 and TRD1 registers by writing to the TRDi
register.
Selection Functions
• Output-compare output pin selected
Either 1 pin or multiple pins of the TRDIOAi, TRDIOBi, TRDIOCi or TRDIODi pin.
• Output level at the compare match selected
“L” output, “H” output or output level inversed
• Initial output level selected
Set the level at period from the count start to the compare match.
• Timing to set the TRDi register to 0000h
Overflow or compare match in the TRDGRAi register
• Buffer operation (refer to 14.3.2 Buffer Operation)
• Synchronous operation (refer to 14.3.3 Synchronous Operation)
• Output pin in the TRDGRCi and TRDGRDi registers changed
The TRDGRCi register can be used as output control of the TRDIOAi pin and the
TRDGRDi register can be used as output control of the TRDIOBi pin.
• Pulse output forced cutoff signal input (refer to 14.3.4 Pulse Output Forced
Cutoff
)
• Timer RD can be used as the internal timer without output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com