Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 198Page - Renesas Technology Corp R8C/20 Datasheet HTML 199Page - Renesas Technology Corp R8C/20 Datasheet HTML 200Page - Renesas Technology Corp R8C/20 Datasheet HTML 201Page - Renesas Technology Corp R8C/20 Datasheet HTML 202Page - Renesas Technology Corp R8C/20 Datasheet HTML 203Page - Renesas Technology Corp R8C/20 Datasheet HTML 204Page - Renesas Technology Corp R8C/20 Datasheet HTML 205Page - Renesas Technology Corp R8C/20 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 186 of 458
REJ09B0250-0200
Figure 14.48
Registers TRDSTR and TRDMR in Output Compare Function
Timer RD Start Register
(1)
Symbol
Address
After Reset
TRDSTR
0137h
11111100b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
Set the TRDSTR register using the MOV instruction (do not use the bit handling instruction). Refer to 14.3.12.1
TRDSTR Register of Notes on Tim er RD.
TRD0 count operation select
bit
0 : Count stops at the compare match w ith
the TRDGRA0 register after the count clear
1 : Count continues at the compare match w ith
the TRDGRA0 register after the count clear
CSEL0
RW
RW
TRD1 count operation select
bit
0 : Count stops at the compare match w ith
the TRDGRA1 register after the count clear
1 : Count continues at the compare match w ith
the TRDGRA1 register after the count clear
—
—
(b7 - b4)
RW
TSTART1
RW
TRD1 count start flag(5)
0 : Count stops(3)
1 : Count starts
TRD0 count start flag(4)
0 : Count stops(2)
1 : Count starts
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
b7 b6 b5 b4 b3 b2
CSEL1
b1 b0
TSTART0
When the CSEL0 bit is set to 1, w rite 0 to the TSTART0 bit.
When the CSEL1 bit is set to 1, w rite 0 to the TSTART1 bit.
When the CSEL0 bit is set to 0 and generating the compare match signal (TRDIOA0), this bit is set to 0 (count stops).
When the CSEL1 bit is set to 0 and generating the compare match signal (TRDIOA1), this bit is set to 0 (count stops).
Timer RD Mode Register
Symbol
Address
After Reset
TRDMR
0138h
00001110b
Bit Symbol
Bit Name
Function
RW
NOTE:
1. When selecting 0 (change the TRDGRji register output pin) by the IOj3 (j = C or D) bit in the TRDIORCi (i = 0 or 1)
register, set the BFji bit in the TRDMR register to 0.
RW
BFC1
BFD1
TRDGRD1 register function
selection bit(1)
0 : General register
1 : Buffer register of TRDGRB1 register
RW
TRDGRC0 register function
selection bit(1)
0 : General register
1 : Buffer register of TRDGRA0 register
BFC0
RW
RW
TRDGRD0 register function
selection bit(1)
0 : General register
1 : Buffer register of TRDGRB0 register
TRDGRC1 register function
selection bit(1)
0 : General register
1 : Buffer register of TRDGRA1 register
RW
—
(b3 - b1)
—
Timer RD synchronous bit
0 : TRD0 and TRD1 registers
operate independently
1 : TRD0 and TRD1 registers
operate synchronously
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
b7 b6 b5 b4 b3 b2
BFD0
b1 b0
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com