Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 200Page - Renesas Technology Corp R8C/20 Datasheet HTML 201Page - Renesas Technology Corp R8C/20 Datasheet HTML 202Page - Renesas Technology Corp R8C/20 Datasheet HTML 203Page - Renesas Technology Corp R8C/20 Datasheet HTML 204Page - Renesas Technology Corp R8C/20 Datasheet HTML 205Page - Renesas Technology Corp R8C/20 Datasheet HTML 206Page - Renesas Technology Corp R8C/20 Datasheet HTML 207Page - Renesas Technology Corp R8C/20 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 188 of 458
REJ09B0250-0200
Figure 14.50
TRDFCR Register in Output Compare Function
Timer RD Function Control Register
Symbol
Address
After Reset
TRDFCR
013Ah
10000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. When bits CMD1 to CMD0 are set to 00b (timer mode, PWM mode, or PWM3 mode), the setting of the PWM3 bit is
enabled.
b3 b2
OLS1
b1 b0
00
1
b7 b6 b5 b4
RW
CMD1
RW
Combination mode selection bit(1)
Set to 00b (timer mode, PWM mode, or
PWM3 mode) in the output compare
function.
CMD0
Normal-phase output level selection
bit (in reset synchronous PWM mode
or complementary PWM mode)
This bit is disabled in the output compare
function.
Set bits CMD1 to CMD0 w hen both the TSTART0 and TSTART1 bits in the TRDSTR register are set to 0 (count stops).
OLS0
RW
RW
Counter-phase output level selection
bit (in reset synchronous PWM mode
or complementary PWM mode)
This bit is disabled in the output compare
function.
A/D trigger enable bit
(in complementary PWM mode)
This bit is disabled in the output compare
function.
RW
PWM3
RW
ADTRG
ADEG
A/D trigger edge selection bit
(in complementary PWM mode)
This bit is disabled in the output compare
function.
RW
PWM3 mode selection bit(2)
Set this bit to 1 (other than PWM3 mode) in
the output compare function.
STCLK
External clock input selection bit
0 : External clock input disabled
1 : External clock input enabled
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com