Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 204Page - Renesas Technology Corp R8C/20 Datasheet HTML 205Page - Renesas Technology Corp R8C/20 Datasheet HTML 206Page - Renesas Technology Corp R8C/20 Datasheet HTML 207Page - Renesas Technology Corp R8C/20 Datasheet HTML 208Page - Renesas Technology Corp R8C/20 Datasheet HTML 209Page - Renesas Technology Corp R8C/20 Datasheet HTML 210Page - Renesas Technology Corp R8C/20 Datasheet HTML 211Page - Renesas Technology Corp R8C/20 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 192 of 458
REJ09B0250-0200
Figure 14.54
Registers TRDIORA0 to TRDIORA1 in Output Compare Function
Timer RD I/O Control Register Ai (i = 0 or 1)
Symbol
Address
After Reset
TRDIORA0
TRDIORA1
0141h
0151h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
Input capture input sw itch
bit
Set to 1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
RW
IOA1
IOA0
TRDGRA control bit
b1 b0
0 0 : Disable pin output by the compare match
(TRDIOAi pin functions as programmable
I/O port)
0 1 : “L” output by the compare match in
the TRDGRAi register
1 0 : “H” output by the compare match in
the TRDGRAi register
1 1 : Toggle output by the compare match
in the TRDGRAi register
TRDGRA mode selection
bit(1)
Set to 0 (output compare) in the output compare
function
RW
IOB2
RW
TRDGRB control bit
b5 b4
0 0 : Disable pin output by the compare match
(TRDIOBi pin functions as programmable
I/O port)
0 1 : “L” output by the compare match
in the TRDGRBi register
1 0 : “H” output by the compare match
in the TRDGRBi
1 1 : Toggle output by the compare match
in the TRDGRBi register
b7 b6 b5 b4
0
b3 b2
IOA3
b1 b0
10
IOA2
When selecting 1 (The TRDGRDi register is used as a buffer register of TRDGRBi register) for this bit by the BFDi bit
in the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same as the IOB2 bit in the TRDIORAi register.
—
IOB0
IOB1
RW
When selecting 1 (The TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi
bit in the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same as the IOA2 bit in the TRDIORAi
register.
TRDGRB mode selection
bit(2)
Set to 0 (output compare) in the output compare
function
RW
—
(b7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com