Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 193Page - Renesas Technology Corp R8C/20 Datasheet HTML 194Page - Renesas Technology Corp R8C/20 Datasheet HTML 195Page - Renesas Technology Corp R8C/20 Datasheet HTML 196Page - Renesas Technology Corp R8C/20 Datasheet HTML 197Page - Renesas Technology Corp R8C/20 Datasheet HTML 198Page - Renesas Technology Corp R8C/20 Datasheet HTML 199Page - Renesas Technology Corp R8C/20 Datasheet HTML 200Page - Renesas Technology Corp R8C/20 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 181 of 458
REJ09B0250-0200
Figure 14.44
Registers TRDGRAi, TRDGRBi, TRDGRCi and TRDGRDi in Input Capture Function
The following registers are disabled in the input capture function:
TRDOER1, TRDOER2, TRDOCR, TRDPOCR0 and TRDPOCR1
i = 0 or 1, j = either A, B, C or D
BFCi, BFDi: Bits in TRDMR Register
Set the pulse width of the input capture signal applied to the TRDIOji pin to 3 cycles or more of the Timer RD
operation clock (refer to Table 14.11 Timer RD Operation Clocks) for “no digital filter” (the DFj bit in the
TRDDFi register is set to 0).
Table 14.24
TRDGRji Register Functions in Input Capture Function
Register
Setting
Register Function
Input-Capture Input Pin
TRDGRAi
−
General register
The value in the TRDi register can be read at the input
capture.
TRDIOAi
TRDGRBi
TRDIOBi
TRDGRCi
BFCi = 0
General register
The value in the TRDi register can be read at the input
capture.
TRDIOCi
TRDGRDi
BFDi = 0
TRDIODi
TRDGRCi
BFCi = 1
Buffer register
The value in the TRDi register can be read at the input
capture. (Refer to 14.3.2 Buffer Operation)
TRDIOAi
TRDGRDi
BFDi = 1
TRDIOBi
Timer RD General Register Ai, Bi, Ci and Di (i = 0 or 1)
(1)
Symbol
Address
After Reset
TRDGRA0
TRDGRB0
TRDGRC0
TRDGRD0
TRDGRA1
TRDGRB1
TRDGRC1
TRDGRD1
0149h-0148h
014Bh-014Ah
014Dh-014Ch
014Fh-014Eh
0159h-0158h
015Bh-015Ah
015Dh-015Ch
015Fh-015Eh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
FFFFh
RW
NOTE:
1.
(b8)
b0
(b15)
b7
b0
b7
RW
Function
Refer to Table 14.24 TRDGRji Register Functions in Input Capture Function
Access the TRDGRAi to TRDGRDi registers in 16-bit units. Do not access them in 8-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com