Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 190Page - Renesas Technology Corp R8C/20 Datasheet HTML 191Page - Renesas Technology Corp R8C/20 Datasheet HTML 192Page - Renesas Technology Corp R8C/20 Datasheet HTML 193Page - Renesas Technology Corp R8C/20 Datasheet HTML 194Page - Renesas Technology Corp R8C/20 Datasheet HTML 195Page - Renesas Technology Corp R8C/20 Datasheet HTML 196Page - Renesas Technology Corp R8C/20 Datasheet HTML 197Page - Renesas Technology Corp R8C/20 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 178 of 458
REJ09B0250-0200
Figure 14.40
Registers TRDIORC0 to TRDIORC1 in Input Capture Function
Timer RD I/O Control Register Ci (i = 0 or 1)
Symbol
Address
After Reset
TRDIORC0
TRDIORC1
0142h
0152h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. When selecting 1 (The TRDGRDi register is used as a buffer register of TRDGRBi register) for this bit by the BFDi bit
in the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi
register.
RW
IOD0
IOD1
RW
Set to 1 (general register or buffer register) in
the input capture function
When selecting 1 (The TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi
bit in the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi
register.
TRDGRD mode selection bit(2)
Set to 1 (input capture) in the input capture
function
RW
IOD3
IOD2
RW
TRDGRD control bit
b5 b4
0 0 : Input capture to the TRDGRDi register
at the rising edge
0 1 : Input capture to the TRDGRDi register
at the falling edge
1 0 : Input capture to the TRDGRDi register
at both edges
1 1 : Do not set
TRDGRD register function
selection bit
b3 b2
IOC3
b1 b0
11
IOC2
11
b7 b6 b5 b4
RW
RW
IOC1
IOC0
TRDGRC control bit
b1 b0
0 0 : Input capture to the TRDGRCi register
at the rising edge
0 1 : Input capture to the TRDGRCi register
at the falling edge
1 0 : Input capture to the TRDGRCi register
at both edges
1 1 : Do not set
TRDGRC mode selection bit(1)
Set to 1 (input capture) in the input capture
function
RW
TRDGRC register function
selection bit
Set to 1 (general register or buffer register) in
the input capture function
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com