Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 191Page - Renesas Technology Corp R8C/20 Datasheet HTML 192Page - Renesas Technology Corp R8C/20 Datasheet HTML 193Page - Renesas Technology Corp R8C/20 Datasheet HTML 194Page - Renesas Technology Corp R8C/20 Datasheet HTML 195Page - Renesas Technology Corp R8C/20 Datasheet HTML 196Page - Renesas Technology Corp R8C/20 Datasheet HTML 197Page - Renesas Technology Corp R8C/20 Datasheet HTML 198Page - Renesas Technology Corp R8C/20 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 179 of 458
REJ09B0250-0200
Figure 14.41
Registers TRDSR0 to TRDSR1 in Input Capture Function
Timer RD Status Register i (i = 0 or 1)
Symbol
Address
After Reset
TRDSR0
TRDSR1
0143h
0153h
11100000b
11000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4. Edge selected by bits IOk1 to IOk0 (k = C or D) in the TRDIORCi register.
Including w hen the BFki bit in the TRDMR register is set to 1 (TRDGRki is used as the buffer register).
Edge selected by bits IOj1 to IOj0 (j = A or B) in the TRDIORAi register.
The w riting results are as follow s:
• This bit is set to 0 w hen the read result is 1 and w riting 0 to the same bit.
• This bit remains unchanged even if the read result is 0 and w riting 0 to the same bit. (This bit remains 1 even if this
bit is set to 1 from 0 after reading, and w riting 0.)
• This bit remains unchanged w hen w riting 1.
b3 b2
IMFD
b1 b0
b7 b6 b5 b4
RW
IMFB
RW
Input capture/compare match flag
A
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
TRDSR0 register:
fOCO128 signal edge w hen the IOA3 bit in the
TRDIORA0 register is set to 0 (fOCO128
signal) TRDIOA0 pin input edge w hen the
IOA3 bit in the TRDIORA0 register is set to 1
(TRDIOA0 input)(3)
TRDSR1 register:
Input edge of TRDIOA1 pin.(3)
Input capture/compare match flag
B
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
Input edge of TRDIOBi pin.(3)
IMFA
Input capture/compare match flag
C
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
Input edge of TRDIOCi pin.(4)
Nothing is assigned to the b5 in the TRDSR0 register. When w riting to the b5, w rite 0. When reading, its content is 1.
IMFC
RW
RW
Input capture/compare match flag
D
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
Input edge of TRDIODi pin.(4)
Overflow flag
[Source for setting this bit to 0]
Write 0 after read.(2)
[Source for setting this bit to 1]
When the TRDi register overflow s
—
(b7 - b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
OVF
UDF
Underflow flag(1)
This bit is disabled in the input capture
function.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com