Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 189Page - Renesas Technology Corp R8C/20 Datasheet HTML 190Page - Renesas Technology Corp R8C/20 Datasheet HTML 191Page - Renesas Technology Corp R8C/20 Datasheet HTML 192Page - Renesas Technology Corp R8C/20 Datasheet HTML 193Page - Renesas Technology Corp R8C/20 Datasheet HTML 194Page - Renesas Technology Corp R8C/20 Datasheet HTML 195Page - Renesas Technology Corp R8C/20 Datasheet HTML 196Page - Renesas Technology Corp R8C/20 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 501 page
background image
R8C/20 Group, R8C/21 Group
14. Timers
Rev.2.00 Aug 27, 2008
Page 177 of 458
REJ09B0250-0200
Figure 14.39
Registers TRDIORA0 to TRDIORA1 in Input Capture Function
Timer RD I/O Control Register Ai (i = 0 or 1)
Symbol
Address
After Reset
TRDIORA0
TRDIORA1
0141h
0151h
10001000b
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
IOB0
TRDGRB mode selection bit(2)
b3 b2
IOA3
b1 b0
1
IOA2
1
b7 b6 b5 b4
RW
IOA1
IOA0
TRDGRA control bit
b1 b0
0 0 : Input capture to the TRDGRAi register
at the rising edge
0 1 : Input capture to the TRDGRAi register
at the falling edge
1 0 : Input capture to the TRDGRAi register
at both edges
1 1 : Do not set
RW
Set to 1 (input capture) in the input capture
function
When selecting 1 (The TRDGRDi register is used as a buffer register of TRDGRBi register) for this bit by the BFDi bit
in the TRDMR register, set the IOD2 bit in the TRDIORCi register to the same value as the IOB2 bit in the TRDIORAi
register.
RW
RW
—
(b7)
IOB2
RW
TRDGRB control bit
b5 b4
0 0 : Input capture to the TRDGRBi register
at the rising edge
0 1 : Input capture to the TRDGRBi register
at the falling edge
1 0 : Input capture to the TRDGRBi register
at both edges
1 1 : Do not set
The IOA3 bit in the only TRDIORA0 register is enabled. Set to the IOA3 bit in the TRDIORA1 to 1.
The IOA3 bit is enabled w hen the IOA2 bit is set to 1 (input capture function).
TRDGRA mode selection bit(1) Set to 1 (input capture) in the input capture
function
RW
Input capture input sw itch
bit(3,4)
0 : fOCO128 Signal
1 : TRDIOA0 pin
RW
When selecting 1 (The TRDGRCi register is used as a buffer register of the TRDGRAi register) for this bit by the BFCi
bit in the TRDMR register, set the IOC2 bit in the TRDIORCi register to the same value as the IOA2 bit in the TRDIORAi
register.
IOB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com