Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 206Page - STMicroelectronics STM32MP253C Datasheet HTML 207Page - STMicroelectronics STM32MP253C Datasheet HTML 208Page - STMicroelectronics STM32MP253C Datasheet HTML 209Page - STMicroelectronics STM32MP253C Datasheet HTML 210Page - STMicroelectronics STM32MP253C Datasheet HTML 211Page - STMicroelectronics STM32MP253C Datasheet HTML 212Page - STMicroelectronics STM32MP253C Datasheet HTML 213Page - STMicroelectronics STM32MP253C Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 241 page
background image
3. Packet transmission by one transceiver operating in device mode while driving all 1s data (alternating 7-bit strings of J, then K on DP/DM).
Loading of 10 pF. Transfers do not include any interpacket delay.
4. HS receive mode with no traffic on the line.
5. Packet transmission by one transceiver operating in device mode while driving all 0s data (constant JKJK on DP/DM). Loading of 50 pF.
Transfers do not include any interpacket delay.
6. Packet transmission by one transceiver operating in host mode while driving all 0s data (constant JKJK on DP/DM). Loading of 600 pF.
Transfers do not include any interpacket delay.
7. Suspend when operating in device mode with no far-side host termination on DP/DM during measurements. Measurements taken when
COMMONONN (SYSCFG_USB2PHYxCR.USB2PHYxCMN) is deasserted.
8. Sleep mode when operating in device mode with no far-side host termination on DP/DM during measurements.
9. PHY is in suspend (with clocks turned OFF), non-driving mode and operating as a portable device in the 'dead battery' condition.
6.3.37.6
COMBOPHY Characteristics
Table 122. COMBOPHY characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
REXT(1)
External resistor on REXT
Connected to ground
198
200
202
Ω
IVDDCOMBOPHY
Supply current on VDDCOMBOPHY
P0 mode
5 Gbps
-
23.5
38
mA
2.5 Gbps
-
14
37.5
P0s mode
5 Gbps
-
16.5
33
2.5 Gbps
-
13
28
P1 mode
5 Gbps
-
9.7
24.5
2.5 Gbps
-
9.7
24.5
P1.CPM
-
-
1.45
14.5
P1.1
-
-
0.215
12.5
P1.2
-
-
0
12
P2
-
-
9.6
15
P2.CPM
-
-
1.2
14
Power down
-
-
0.15
13
IVDDCOMBOPHYTX
Supply current on
VDDCOMBOPHYTX
P0 mode
5 Gbps
-
11
14
mA
2.5 Gbps
-
6.4
8.9
P0s mode
5 Gbps
-
1.4
2.4
2.5 Gbps
-
1.4
2.4
P1 mode
5 Gbps
-
1.4
2.4
2.5 Gbps
-
1.4
2.4
P1.CPM
-
-
1.45
2.4
P1.1
-
-
1.45
2.4
P1.2
-
-
0.005 0.405
P2
-
-
1.45
1.9
P2.CPM
-
-
0.005
0.41
Power down
-
-
0.01
0.425
IVDDA18COMBOPHY
Supply current on
VDDA18COMBOPHY
P0 mode
5 Gbps
-
25
29
mA
2.5 Gbps
-
17.5
24
P0s mode
5 Gbps
-
14.5
20.5
2.5 Gbps
-
14
19.5
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 210/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com