Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 208 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 204Page - STMicroelectronics STM32MP253C Datasheet HTML 205Page - STMicroelectronics STM32MP253C Datasheet HTML 206Page - STMicroelectronics STM32MP253C Datasheet HTML 207Page - STMicroelectronics STM32MP253C Datasheet HTML 208Page - STMicroelectronics STM32MP253C Datasheet HTML 209Page - STMicroelectronics STM32MP253C Datasheet HTML 210Page - STMicroelectronics STM32MP253C Datasheet HTML 211Page - STMicroelectronics STM32MP253C Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max Unit
IVDDA18CSI(1)
Supply current on VDDA18CSI
High-speed receive(2)
2 lanes @1 Gbps
-
2.2
2.85
mA
2 lanes @1.5 Gbps
-
2.3
3
2 lanes @2 Gbps
-
2.6
3.35
2 lanes @2.5 Gbps
-
2.6
3.35
LP receive
Lane 0 @10Mbps
-
1.7
2.3
ULPS receive
ck_ker_csi2phy stopped
-
0.015 0.1
IVDDCSI(1)
Supply current on VDDCSI
High-speed receive(2)
2 lanes @1 Gbps
-
3.95
5.1
mA
2 lanes @1.5 Gbps
-
4.5
5.8
2 lanes @2 Gbps
-
3.8
5.5
2 lanes @2.5 Gbps
-
4.3
6
LP receive
Lane 0 @10 Mbps
-
0.9
1.5
ULPS receive
ck_ker_csi2phy stopped
-
0.04
0.6
1. Evaluated by characterization, not tested in production.
2. HS mode: assume PRBS9 pattern on data lanes and 100% occupation; that is, continuous HS.
6.3.37.4
LVDS PHY Characteristics
Table 120. LVDS PHY characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
LVDS lane characteristics
VOH
Output voltage high
-(1)
1350 1400 1450 mV
VOL
Output voltage low
-(1)
995
1000 1050 mV
|VOD|
Output differential voltage
-(1)
340
370
420
mV
VOS
Output offset voltage
-(1)
1150 1200 1250 mV
RO
Output impedance, single ended
-(1)
44
60.5
76.5
Ω
∆RO
Ro mismatch between P and N output
-
-
-
8
%
|∆VOD|
Change in |VOD| between 0 and 1
-
0.42
-
2.6
mV
∆VOS
Change in VOS between 0 and 1
-(1)
0.22
2.55
26
mV
Is
Output current (drawn from VDDA18LVDS)
Static current on 100Ω differential load
2.6
3.3
3.6
mA
Outputs shorted to ground
11
15
24
mA
Outputs shorted together
2.25
3.25
8.05
mA
tf
VOD fall time, 20 – 80%(3)(4)
-(1)
205
245
320
ps
tr
VOD rise time, 20 – 80%(3)(4)
-(1)
205
255
320
ps
ppVOD
Dynamic output signal balance(3)(4)
-(2)
41
72
125
mV
LVDS bandgap characteristics
IVDDA18LVDS Bandgap supply current on VDDA18LVDS
-
-
-
0.805 1.25
mA
IVDDLVDS
Bandgap supply current on VDDLVDS
-
-
-
3.25
3.95
mA
1. Steady state (~ DC level) @ lowest possible data rate (2 Mbps) with both voltage and current driver enabled.
2. At maximum speed with both voltage and current driver enabled.
3. Loading conditions are: two 50Ω resistors, two 2.5 pF caps at each output, one 2.5 pF cap at middle point.
4. Specification for default configuration (no pre-emphasis).
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 208/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com