Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 207 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 207 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 203Page - STMicroelectronics STM32MP253C Datasheet HTML 204Page - STMicroelectronics STM32MP253C Datasheet HTML 205Page - STMicroelectronics STM32MP253C Datasheet HTML 206Page - STMicroelectronics STM32MP253C Datasheet HTML 207Page - STMicroelectronics STM32MP253C Datasheet HTML 208Page - STMicroelectronics STM32MP253C Datasheet HTML 209Page - STMicroelectronics STM32MP253C Datasheet HTML 210Page - STMicroelectronics STM32MP253C Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 241 page
background image
6.3.37.2
DSI PHY Characteristics
Table 118. DSI PHY characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
DSI link clock frequency
High-Speed mode (HS)
40
-
1250
MHz
rate
Data rate per lane
High-Speed mode (HS)
80
-
2500
Mbps
UI
Unit interval
equal to 0.5 / fCK (HS)
0.4
-
12.5
ns
REXT
External resistor on REXT Connected to ground
198
200
202
Ω
IVDDCORE(DSIPHY)(1)
Supply current on
VDDCORE(2)
High-Speed
Transmit(3)
4 lanes @1 Gbps
-
1.55
9.6
mA
4 lanes @1.5 Gbps
-
2.05
11
4 lanes @2 Gbps
-
2.55
11.5
4 lanes @2.5 Gbps
-
3.05
12.5
LP Transmit
Lane 0 @10 Mbps,
PLL @2.5 Gbps
-
2.05
10.5
ULPS Transmit
PLL disabled
-
0.155
8.05
IVDDA18DSI
Supply current on
VDDA18DSI(2)
High-Speed
Transmit(3)
4 lanes
-
5.35
9.55
mA
LP Transmit
Lane 0 @10 Mbps,
PLL @2.5 Gbps
-
3.85
5.05
ULPS Transmit
PLL disabled
-
0.0155 0.0385
IVDDDSI
Supply current on VDDDSI
High-Speed
Transmit(3)
4 lanes @1Gbps
-
14.5
19
mA
4 lanes @1.5 Gbps
-
17
23
4 lanes @2 Gbps
-
19.5
26.5
4 lanes @2.5 Gbps
-
22.5
30
LP Transmit
Lane 0 @10 Mbps,
PLL @2.5 Gbps
-
7.45
10.5
ULPS Transmit
PLL disabled
-
0.0505 0.805
1. Evaluated by characterization, not tested in production.
2. values includes PLL power consumption.
3. HS mode: assume PRBS9 pattern on data lanes and 100% occupation; that is, continuous HS.
6.3.37.3
CSI PHY Characteristics
Table 119. CSI PHY characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
REXT
External resistor on REXT
Connected to ground
198
200
202
Ω
IVDDCORE(CSIPHY)(1) Supply current on VDDCORE
High-speed receive(2)
2 lanes @1 Gbps
-
2.8
12
mA
2 lanes @1.5 Gbps
-
3.7
13
2 lanes @2 Gbps
-
4.7
14.5
2 lanes @2.5 Gbps
-
5.7
15.5
LP receive
Lane 0 @10 Mbps
-
0.71
8
ULPS receive
ck_ker_csi2phy stopped
-
0.35
8.4
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 207/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com