Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 123Page - STMicroelectronics STM32MP253C Datasheet HTML 124Page - STMicroelectronics STM32MP253C Datasheet HTML 125Page - STMicroelectronics STM32MP253C Datasheet HTML 126Page - STMicroelectronics STM32MP253C Datasheet HTML 127Page - STMicroelectronics STM32MP253C Datasheet HTML 128Page - STMicroelectronics STM32MP253C Datasheet HTML 129Page - STMicroelectronics STM32MP253C Datasheet HTML 130Page - STMicroelectronics STM32MP253C Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 241 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
D1 (CPU1)
mode
D2 (CPU2)
mode
D3 (CPU3)
mode
CPU3
clk
(MHz)
VDD
voltage
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDA18AON
Supply current in
Stop2 mode
DStandby
(CStandby)(4)(5)
Stop2
(CStop)
SRun2
(CSleep)
MSI 4
VDD =
3.3 V(2)
250
265
275
285
320
320
340
380
μA
VDD =
1.8 V(3)
280
295
305
315
370
370
380
430
μA
IDDCORE
Supply current in
Stop2 mode
DStandby
(CStandby)(4)(5)
Stop2
(CStop)
SSTop1
(CStop)
-
-
16.5
105
175
295
58
290
430
700
mA
IDDCPU
-(6)
-
IDDGPU(1)
-(6)
-
IDD
VDD =
3.3 V(2)
2.65
2.7
2.7
2.8
3.2
3.3
3.4
3.5
mA
VDD =
1.8 V(3)
1.25
1.25
1.25
1.3
1.5
1.5
1.6
1.6
mA
IDDA18
-
1.2
1.35
1.4
1.5
1.8
2
2.2
3
mA
IDDA18AON
VDD =
3.3 V(2)
250
265
275
285
320
320
340
380
μA
VDD =
1.8 V(3)
280
295
305
315
370
370
380
430
μA
1. Not relevant for STM32MP251x.
2. typical values given for VDD = 3.3 V, maximum values for VDD = 3.6 V.
3. typical values given for VDD = 1.8 V, maximum values for VDD = 1.89 V.
4. CStandby = CStop and PDDS_D1 = 1.
5. VDDCPU is shutdown.
6. Supply is OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com